Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR4011C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # PWR4011C
Description  DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR4011C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  PWR4011C Datasheet HTML 1Page - Murata Power Solutions Inc. PWR4011C Datasheet HTML 2Page - Murata Power Solutions Inc. PWR4011C Datasheet HTML 3Page - Murata Power Solutions Inc. PWR4011C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TDC_PWR40_A02
04/2007
Page 4
OUTPUT POWER
The PWR40xxC series was designed to meet power requirements up
to 4W. Due to the nature of unregulated power supplies, a higher-than-
rated output voltage will result when less-than-rated power is used
(see Typical Performance Curves). This series has been designed to
run from no load to 4W without derating up to +70°C.
UNBALANCED LOADS
Unbalanced loads may be used on dual output models with each side
sourcing up to 200mA as long as the total power out is not more than
4W. With an unbalanced load, the output voltages will track within
5% of each other.
OUTPUT NOISE
The output noise can be reduced to less than 50mVp-p by adding a
low ESR 10μf tantalum capacitor across each output.
TYPICAL PERFORMANCE CURVES
T
A
= +25°C, rated input voltage, rated output current unless otherwise noted.
APPLICATION NOTES
SHORT CIRCUIT PROTECTION
To maintain low cost, the PWR40xxC Series provides limited short-
circuit protection. To protect against continuous short circuits, a fuse is
required. It is recommended that the fuse be placed in series with the
input of the converter. The required I2 t will vary with input voltage.
Input Voltage
Littlefuse© Part Number
5V
229.015
12V
229.500
15V
229.375
24V
229.250
TABLE I. Recommended Fuses (or Equivalent)
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED


Similar Part No. - PWR4011C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR4011 CANDD-PWR4011 Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
More results

Similar Description - PWR4011C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com