Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR1208C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # PWR1208C
Description  3 Watts Unregulated DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR1208C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  PWR1208C Datasheet HTML 1Page - Murata Power Solutions Inc. PWR1208C Datasheet HTML 2Page - Murata Power Solutions Inc. PWR1208C Datasheet HTML 3Page - Murata Power Solutions Inc. PWR1208C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL PERFORMANCE CURVES
T
A
= +25°C, Rated Input Voltage, Rated Output Current unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ........................................................................ Momentary
Internal Power Dissipation.......................................................................................1.3W
Lead Temperature (soldering, 10 seconds max) ...................................................+300°C
Device Family
PWR indicates DC/DC converter
Model Number
Selected from Table of Electrical Characteristics
PWR
12XX
C
ORDERING INFORMATION
APPLICATION NOTES
UNBALANCED LOADS
Unbalanced loads may be used on dual output
models with either side providing up to its rated current.
Output voltages, by design, will track each other in an
unbalanced state within ±10% of one another.
OUTPUT NOISE
Output noise can be reduced to 30mVp-p, typically, by adding
a 10μF tantalum capacitor with an equivalent series resistance
(ESR) of less than 150mΩ at 10kHz across each output.
RoHS Compliant
The PWR12xxC devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected
to a maximum wave temperature of 260°C for a period of no more than 10 seconds. Within this time and temperature
range, the integrity of the device’s plastic body will not be compromised and internal temperatures within the converter
will not exceed 175°C. Care should be taken to control manual
soldering limits identical to that of wave soldering.
SOLDERING INFORMATION
MDC_PWR12xxC.B01 Page 3 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PWR12xxC
3 Watts Unregulated DC/DC Converters


Similar Part No. - PWR1208C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR1208 CANDD-PWR1208 Datasheet
452Kb / 4P
   3 WATT UNREGULATED DC/DC CONVERTERS
More results

Similar Description - PWR1208C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
C&D Technologies
PWR12XX CANDD-PWR12XX Datasheet
452Kb / 4P
   3 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
Burr-Brown (TI)
PWS725A BURR-BROWN-PWS725A Datasheet
68Kb / 6P
   Isolated, Unregulated DC/DC CONVERTERS
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1TAN CINCON-EC1TAN Datasheet
173Kb / 2P
   1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com