Electronic Components Datasheet Search |
|
PWR1202C Datasheet(PDF) 2 Page - Murata Power Solutions Inc. |
|
PWR1202C Datasheet(HTML) 2 Page - Murata Power Solutions Inc. |
2 / 4 page INPUT Voltage Range 4.5 5 5.5 VDC 10.8 12 13.2 VDC 13.5 15 16.5 VDC 21.6 24 26.4 VDC ISOLATION Rated Voltage 500 VDC Test Voltage 60 Hz, 10 Seconds 500 Vpk Resistance 10 GΩ Capacitance 90 pF Leakage Current VISO = 240VAC, 60HZ 10 μArms OUTPUT Rated Power 3 W Voltage Setpoint Accuracy Rated Load, Nominal VIN ±3 ±5 % Temperature Coefficient ±0.02 %/%°C Ripple and Noise (BW = DC to 20MHz) No External Components 150 mVp-p 10μF Across Each Output 10 mVrms 10μF Across Each Output 30 mVp-p Voltage No Load,VOUT = +5V 7 VDC No Load,VOUT = ±12V ±15 VDC No Load,VOUT = ±15V ±18 VDC Line Regulation 1.2 %/%V IN Load No Load To Rated Load 6 % GENERAL Package Weight 12 g Switching Frequency 150 kHz MTTF per MIL-HDBK-217, Rev E Circuit Stress Method 700 kHr Efficiency 75 % TEMPERATURE Specification –25 +25 +85 °C Operation –40 +125 °C Storage –40 +125 °C NOMINAL RATED RATED REFLECTED INPUT VOLTAGE OUTPUT VOLTAGE OUTPUT CURRENT NO LOAD RATED LOAD RIPPLE CURRENT MODEL (VDC) (VDC) (mA) (mA) (mA) (mAp-p) PWR1200C 5 5 600 30 800 45 PWR1201C 5 12 250 30 800 45 PWR1202C 5 15 200 30 800 45 PWR1203C 5 ±5 ±300 30 800 45 PWR1204C 5 ±12 ±125 30 800 45 PWR1205C 5 ±15 ±100 30 800 45 PWR1206C 12 5 600 30 330 25 PWR1207C 12 12 250 30 330 25 PWR1208C 12 15 200 30 330 25 PWR1209C 12 ±5 ±300 30 330 25 PWR1210C 12 ±12 ±125 30 330 25 PWR1211C 12 ±15 ±100 30 330 25 PWR1212C 15 5 600 30 265 20 PWR1213C 15 12 250 30 265 20 PWR1214C 15 15 200 30 265 20 PWR1215C 15 ±5 ±300 30 265 20 PWR1216C 15 ±12 ±125 30 265 20 PWR1217C 15 ±15 ±100 30 265 20 PWR1218C 24 5 600 30 165 20 PWR1219C 24 12 250 30 165 20 PWR1220C 24 15 200 30 165 20 PWR1221C 24 ±5 ±300 30 165 20 PWR1222C 24 ±12 ±125 30 165 20 PWR1223C 24 ±15 ±100 30 165 20 PWR1240C 5 9 333 30 800 45 PWR1241C 12 9 333 30 330 25 PWR1242C 15 9 333 30 265 20 PWR1243C 24 9 333 30 165 20 ELECTRICAL SPECIFICATIONS Specifications typical at T A = +25°C, nominal input voltage, rated output current unless otherwise noted. INPUT CURRENT COMMON SPECIFICATIONS Specifications typical at T A = +25°C, rated input voltage, rated output current unless otherwise noted. PARAMETER CONDITIONS MIN TYP MAX UNITS NOTE: Models listed with strike-through text have been officially discontinued. These models can be built on a custom basis with sufficient quantity justification. Contact factory for details. MDC_PWR12xxC.B01 Page 2 of 4 Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000 www.murata-ps.com PWR12xxC 3 Watts Unregulated DC/DC Converters |
Similar Part No. - PWR1202C |
|
Similar Description - PWR1202C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |