Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR1106C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # PWR1106C
Description  1.5 Watt Unregulated Dual-in-Line DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR1106C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  PWR1106C Datasheet HTML 1Page - Murata Power Solutions Inc. PWR1106C Datasheet HTML 2Page - Murata Power Solutions Inc. PWR1106C Datasheet HTML 3Page - Murata Power Solutions Inc. PWR1106C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A
= +25°C, nominal input voltage, and rated output current unless otherwise noted.
NOMINAL
RATED
RATED
REFLECTED
MODEL
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
NO LOAD
RATED LOAD
RIPPLE CURRENT
Units
VDC
VDC
mA
mA
mA
mAp-p
PWR1100C
5
5
300
30
400
45
PWR1101C
5
12
125
30
400
45
PWR1102C
5
15
100
30
400
45
PWR1103C
5
±5
±150
30
400
45
PWR1104C
5
±12
±63
30
400
45
PWR1105C
5
±15
±50
30
400
45
PWR1106C
12
5
300
30
175
25
PWR1107C
12
12
125
30
175
25
PWR1108C
12
15
100
30
175
25
PWR1109C
12
±5
±150
30
175
25
PWR1110C
12
±12
±63
30
175
25
PWR1111C
12
±15
±50
30
175
25
PWR1112C
15
5
300
30
140
20
PWR1113C
15
12
125
30
140
20
PWR1114C
15
15
100
30
140
20
PWR1115C
15
±5
±150
30
140
20
PWR1116C
15
±12
±63
30
140
20
PWR1117C
15
±15
±50
30
140
20
PWR1118C
24
5
300
30
90
20
PWR1119C
24
12
125
30
90
20
PWR1120C
24
15
100
30
90
20
PWR1121C
24
±5
±150
30
90
20
PWR1122C
24
±12
±63
30
90
20
PWR1123C
24
±15
±50
30
90
20
PWR1140C
5
9
167
30
400
45
PWR1141C
12
9
167
30
175
25
PWR1142C
15
9
167
30
140
20
PWR1143C
24
9
167
30
90
20
COMMON SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 Seconds
500
Vpk
Resistance
10
Capacitance
90
pF
Leakage Current
V
ISO
= 240VAC, 60Hz
10
μArms
OUTPUT
Rated Power
1.5
W
Voltage Setpoint Accuracy
Rated Load, Nominal V
in
±3
±5
%
Temperature Coefficient
±0.02
%/%°C
Ripple and Noise
(BW = DC to 20MHz)
No External Components
150
mVp-p
10μF Across Each Output
10
mVrms
10μF Across Each Output
30
mVp-p
Voltage
No Load, V
OUT
= +5V
7
VDC
No Load, V
OUT
= ±12V
±15
VDC
No Load, V
OUT
= ±15V
±18
VDC
Line Regulation
1.2
%/%V
IN
Load
No Load To Rated Load
6
%
GENERAL
Switching Frequency
150
kHz
Package Weight
12
g
MTTF per MIL-HDBK-217 Rev. E
Circuit Stress Method
800
kHr
Efficiency
75
%
TEMPERATURE
Specification
–25
+25
+85
°C
Operation
–40
+100
°C
Storage
–40
+110
°C
INPUT CURRENT
Specifications typical at T
A
= +25°C, nominal input voltage, and rated output current unless otherwise noted.
MDC_PWR11xxC.B01 Page 2 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PWR11xxC
1.5 Watt Unregulated Dual-in-Line DC/DC Converter


Similar Part No. - PWR1106C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR1106 CANDD-PWR1106 Datasheet
165Kb / 4P
   1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
More results

Similar Description - PWR1106C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
   1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
LP02U CANDD-LP02U Datasheet
64Kb / 2P
   UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com