Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP05-102-JB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # TP05-102-JB
Description  HIGH POWER PLANAR RESISTORS, 5W to 100W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

TP05-102-JB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  TP05-102-JB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPACE SAVING THICK FILM PLANAR RESISTORS!
Series TP/TPS offer high power density in a lightweight design. Designed for
switch mode power supplies, snubber circuits, heaters, in-rush limiters,
dynamic braking, and other power applications, the planar construction offers
significant PCB real estate savings over conventional resistors, especially in
forced air applications. The unique design enables very low inductance and
excellent surge capabilities. Series TP utilize alumina substrates for excellent
heat dissipation. Series TPS utilize stainless steel substrates for even greater
dissipation and durability. A special hi-temp/hi-voltage dielectric insulates the
resistor and terminals from the metal substrate, enabling greater voltage and
insulation compared to porcelain enameled models.
OPTIONS
Special marking, extended value range, custom
sizes and shapes, burn-in and military screening,
insulated leads, quick-disconnect terminals, multiple
resistor circuits, etc. Consult factory for assistance.
HIGH POWER PLANAR RESISTORS, 5W to 100W
TP SERIES CERAMIC SUBSTRATE
TPS SERIES STEEL SUBSTRATE
1 Maximum Operating Voltage is DC or AC peak 2 Expanded range available 3 Available with 0.300” [7.62mm] pin spacing, specify opt.78 4 Available with 0.200” [5.08mm] pin spacing, specify opt.80
5 Preliminary information
TYPICAL PERFORMANCE CHARACTERISTICS
D
C
R
e
p
y
T
e
g
a
t
t
a
W
C
°
5
2
@
e
g
a
t
l
o
V
.
x
a
M
g
n
i
t
a
R
1
d
r
a
d
n
a
t
S
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
2
]
m
m
[
h
c
n
I
S
N
O
I
S
N
E
M
I
D
x
a
M
Ax
a
M
BC
D
5
0
P
TW
5V
0
0
51
K
0
0
2
o
t]
8
.
5
2
[
5
1
0
.
1]
3
1
[
2
1
5
.1
0
.
±
0
0
2
.
3
]
5
2
.
±
8
0
.
5
[
3
-
7
0
P
T
5
W
5
.
7V
0
0
51
K
0
0
2
o
t]
8
.
5
2
[
5
1
0
.
1]
4
.
9
1
[
5
6
7
.1
0
.
±
0
0
5
.
4
,
3
]
5
2
.
±
7
.
2
1
[-
0
1
P
TW
0
1V
0
0
51
K
0
0
3
o
t]
8
.
5
2
[
5
1
0
.
1]
8
.
5
2
[
5
1
0
.
11
0
.
±
0
0
8
.
3
]
5
2
.
±
3
.
0
2
[-
5
1
P
T
5
W
5
1V
0
0
51
M
1
o
t
]
1
3
[
2
2
.
1]
6
2
.
2
3
[
7
2
.
1]
5
.
±
4
.
5
2
[
2
0
.
±
0
0
.
1-
5
2
P
T
5
W
5
2V
0
0
51
M
1
o
t
]
0
3
[
8
1
.
1]
9
3
.
6
5
[
2
2
.
2]
5
.
±
6
2
.
8
4
[
2
0
.
±
0
9
.
1-
0
5
P
T
5
W
0
5V
0
0
51
M
1
o
t
]
6
6
.
7
5
[
7
2
.
2]
9
3
.
6
5
[
2
2
.
2]
5
.
±
6
2
.
8
4
[
2
0
.
±
0
9
.
1-
0
5
S
P
TW
0
5V
0
5
25
.
0
K
0
1
o
t
]
1
.
1
7
[
0
8
.
2]
6
9
.
4
4
[
7
7
.
1]
5
.
±
4
.
5
2
[
2
0
.
±
0
0
.
1]
5
.
±
6
5
.
5
3
[
2
0
.
±
0
4
.
1
0
0
1
S
P
TW
0
0
1V
0
0
35
.
0
K
0
2
o
t
]
7
.
2
9
[
5
6
.
3]
8
.
5
6
[
9
5
.
2]
5
.
±
2
0
.
3
3
[
2
0
.
±
0
3
.
1]
5
.
±
8
1
.
3
4
[
2
0
.
±
0
7
.
1
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L
%
2
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M
%
1
±
e
Tp
me
r
u
t
a
r
eg
n
il
c
y
C
%
1
±
(
d
a
o
l
r
e
v
O)
e
g
a
t
l
o
v
x
a
m
d
e
e
c
x
e
o
t
t
o
n
S
m
0
0
2
,
W
d
e
t
a
r
x
5
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D
)
l
i
a
v
a
V
0
5
7
(
C
D
V
0
0
5
e
c
n
a
t
s
i
s
e
R)
c
e
s
5
,
C
°
0
6
2
(
t
a
e
H
r
e
d
l
o
S
o
t
%
5
.
0
±
/
m
p
p
(
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T)
C
°
(
C
°
m
p
p
0
0
1
)
m
p
p
0
0
2
=
%
2
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
C
°
0
7
1
o
t
C
°
5
5
-
=
P
T
C
°
5
7
2
o
t
C
°
5
5
-
=
S
P
T
r
e
w
o
P
g
n
i
t
a
r
e
D
C
°
0
7
>
C
°
/
%
1
=
P
T
C
°
5
2
>
C
°
/
%
4
.
0
=
S
P
T
FA048E
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
Space saving flame retardant design
High power density
Thin profile, and lightweight
Low Inductance: 50nh typ at 1MHz
Wide resistance range: 0.5
Ω to 1MΩ
Excellent transient withstanding capabilities
Standard tolerances: as tight as ±0.5%
.012 [.3]
0.1
[2.54]
→ ←
.02[.51]
→ ←
A
Series TP 5W - 10W
2 Pins, Ceramic
|
0.120 [3]
min
.04” Dia.
Series TPS
Steel Substrate
50W - 100W 6 Pins
D
C
.20”
.37[9.4]
.20”
.20”
.20”
.20”
.028”
Dia.
C
|
B
|
B
|
A
0.30 typ.
[7.6]
0.24±.01
[.61±.25]
.150 min
[3.8]
.20 ±.01
[5.08 ±.25]
→ ←.04
[1.02]
.024 [.6]
→ ←
0.120 [3]
min
Series TP 15W-100W
4 Pins, Ceramic
.050”
Dia.
.20”
C
→ ←
|
|
B
A
.07[1.8]
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
68
P/N DESIGNATION:
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)
TP05
-
102 - J
B W
RCD Type
Packaging: B = Bulk
Tol. Code: D=0.5%, F=1%, G=2%, J=5%, K=10%, M=20%
Options: assigned by RCD
(leave blank for standard)
Resis.Code 0.5%, 1%: 3 signif. figures & multiplier,
e.g. 1R00=1
Ω,10R0=10Ω,1000=100Ω,1001=1K,etc.
Resis.Code 2%-10%: 2 signif. figures & multiplier,
e.g. R50=.5
Ω,1R0=1Ω,100=10Ω,101=100Ω,102=1K,etc.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - TP05-102-JB

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP0502B FENGJUI-TP0502B Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
TP0504B FENGJUI-TP0504B Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
logo
Toppower Electronic Tec...
TP05AC TOPPOWER-TP05AC Datasheet
245Kb / 3P
   5W 4KV Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC Datasheet
274Kb / 3P
   5W 4KVAC Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC Datasheet
1Mb / 3P
   5W 4KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP05-102-JB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
   100W TO-247 HIGH POWER RESISTORS
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101_15 Datasheet
338Kb / 2P
   100W TO-247 High Power Resistors
logo
DB Lectro Inc
RNP50S DBLECTRO-RNP50S Datasheet
282Kb / 2P
   TO247 100W HIGH POWER RESISTORS
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
   3W to 10W PLANAR HIGH POWER RESISTORS
logo
TT Electronics.
BPC TTELEC-BPC_17 Datasheet
283Kb / 2P
   3W to 10W Planar High Power Resistors
logo
RCD COMPONENTS INC.
PWLL10X-R100 RCD-PWLL10X-R100 Datasheet
45Kb / 1P
   5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
logo
Bi technologies
BPR BITECH-BPR Datasheet
1Mb / 2P
   3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
TT Electronics.
4500 TTELEC-4500_17 Datasheet
449Kb / 3P
   High Voltage Planar Resistors
logo
Welwyn Components Limit...
4500 WELWYN-4500 Datasheet
130Kb / 2P
   HIGH VOLTAGE PLANAR RESISTORS
logo
Everlight Electronics C...
EHP-B03LS EVERLIGHT-EHP-B03LS Datasheet
327Kb / 10P
   High Power LED - 5W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com