Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMNN2010A-102-F Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # SMNN2010A-102-F
Description  THICK FILM CONVEX CHIP ARRAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

SMNN2010A-102-F Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  SMNN2010A-102-F Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THICK FILM CONVEX CHIP ARRAYS
Internationally popular convex termination pads
Industry’s widest selection and lowest cost!
1
Ω to 10MΩ, 0.5% to 5%, 8 sizes, 3 circuit schematics
2 to 9 resistors per array reduces mounting costs
ZMN Series zero ohm jumpers are 1Amp, 50m
Ω max
Scalloped edge design available
SMN SERIES Resistor Arrays
ZMN SERIES Jumper Arrays
* Rated power is per resistor element at 70°C
** Consult factory for availability *** SMN1506 package power rating is .25W
10 PIN: SMN2010, SMNN1206
e
p
y
T
D
C
Rg
i
f
n
o
Cd
e
t
a
R
*
r
e
w
o
P
g
n
i
k
r
o
W
e
g
a
t
l
o
V
C
T
)
C
°
/
m
p
p
(
.
s
e
Re
g
n
a
R
l
o
T
%
5
.
0
.
s
e
Re
g
n
a
R
l
o
T
%
1
.
s
e
Re
g
n
a
R
2& 5%
l
o
T
1
0
.
±
L
]
5
2
.
[
8
0
0
.
±
W
]
2
.
[
8
0
0
.
±
P
]
2
.
[
6
0
0
.
±
H
]
5
1
.
[
.
p
y
t
T
4
0
4
0
N
M
SA
W
m
2
6V
5
2m
p
p
0
5
2*
**
*0
1
M
1
-]
1
[
9
3
0
.]
1
[
9
3
0
.]
5
6
.
[
5
2
0
.]
4
.
[
6
1
0
.]
5
2
.
[
0
1
0
.
6
0
6
0
N
M
SA
W
m
2
6V
0
5m
p
p
0
0
2*
**
*1
M
0
1
-]
6
.
1
[
3
6
0
.]
6
.
1
[
3
6
0
.]
8
.
[
5
1
3
0
.]
5
5
.
[
2
2
0
.]
3
.
[
2
1
0
.
4
0
8
0
N
M
SA
W
m
2
6V
5
2m
p
p
0
5
2*
**
*0
1
M
1
-]
2
[
9
7
0
.]
1
[
9
3
0
.]
5
.
[
2
0
.]
4
.
[
6
1
0
.]
5
2
.
[
0
1
0
.
6
0
2
1
N
M
SA
W
m
2
6V
0
5m
p
p
0
0
22
2
K
0
7
4
-1
M
0
1
-1
M
0
1
-]
2
.
3
[
6
2
1
.]
6
.
1
[
3
6
0
.]
8
.
[
5
1
3
0
.]
5
5
.
[
2
2
0
.]
5
2
.
[
0
1
0
.
6
0
2
1
N
N
M
SD
W
m
1
3V
5
2m
p
p
0
0
2*
**
*0
1
M
1
-]
2
.
3
[
6
2
1
.]
6
.
1
[
3
6
0
.]
4
6
.
[
5
2
0
.]
5
5
.
[
2
2
0
.]
5
2
.
[
0
1
0
.
6
0
5
1
N
M
SA
*
*
*
W
m
2
6V
5
2m
p
p
0
0
2*
**
*0
1
M
1
-]
9
.
3
[
4
5
1
.]
6
.
1
[
3
6
0
.]
5
.
[
2
0
.]
5
4
.
[
8
1
0
.]
3
.
[
2
1
0
.
0
1
0
2
N
M
SA
W
m
0
0
1V
0
5m
p
p
0
0
2*
**
*0
1
M
1
-]
8
0
.
5
[
0
0
2
.]
4
5
.
2
[
0
0
1
.]
0
.
1
[
0
4
0
.]
6
.
[
4
2
0
.]
5
2
.
[
0
1
0
.
0
1
0
2
N
M
SB
W
m
5
5V
0
5m
p
p
0
0
2*
**
*0
1
M
1
-]
8
0
.
5
[
0
0
2
.]
4
5
.
2
[
0
0
1
.]
0
.
1
[
0
4
0
.]
6
.
[
4
2
0
.]
5
2
.
[
0
1
0
.
2
1
0
2
N
M
SA
W
m
5
2
1V
0
5m
p
p
0
0
2*
*2
2
M
1
-0
1
M
1
-]
8
0
.
5
[
0
0
2
.]
0
1
.
3
[
2
2
1
.]
7
2
.
1
[
0
5
0
.]
6
.
[
4
2
0
.]
0
3
.
[
2
1
0
.
2
1
0
2
N
M
S*
*
BW
m
2
6V
0
5m
p
p
0
0
2*
**
*0
1
M
1
-]
8
0
.
5
[
0
0
2
.]
0
1
.
3
[
2
2
1
.]
7
2
.
1
[
0
5
0
.]
6
.
[
4
2
0
.]
0
3
.
[
2
1
0
.
e
p
y
T
D
C
RA
B
C
D
)
n
i
p
-
4
(
4
0
4
0
N
M
S]
6
3
.
[
4
1
0
.]
8
2
.
[
1
1
0
.]
5
.
[
0
2
0
.]
5
.
[
0
2
0
.
)
n
i
p
-
4
(
6
0
6
0
N
M
S]
4
.
[
6
1
0
.]
4
.
[
6
1
0
.]
8
.
[
2
3
0
.]
9
.
[
6
3
0
.
)
n
i
p
-
8
(
4
0
8
0
N
M
S]
3
.
[
2
1
0
.]
2
.
[
8
0
0
.]
5
.
[
0
2
0
.]
5
.
[
0
2
0
.
)
n
i
p
-
8
(
6
0
2
1
N
M
S]
5
4
.
[
8
1
0
.]
6
3
.
[
4
1
0
.]
8
.
[
2
3
0
.]
9
.
[
6
3
0
.
)
n
i
p
-
0
1
(
6
0
2
1
N
N
M
S]
6
3
.
[
4
1
0
.]
8
2
.
[
1
1
0
.]
8
.
[
2
3
0
.]
9
.
[
6
3
0
.
)
n
i
p
-
6
1
(
6
0
5
1
N
M
S]
3
.
[
2
1
0
.]
2
.
[
8
0
0
.]
8
.
[
2
3
0
.]
1
[
9
3
0
.
0
1
0
2
N
M
S)
n
i
p
-
0
1
(]
5
5
.
[
2
2
0
.]
5
4
.
[
8
1
0
.]
1
[
0
4
0
.]
5
.
1
[
0
6
0
.
2
1
0
2
N
M
S)
n
i
p
-
8
(]
2
8
.
[
2
3
0
.]
5
4
.
[
8
1
0
.]
1
.
1
[
5
4
0
.]
2
[
0
8
0
.
Config. A
1
T
DERATING
25
50
75
100
125
150
175
200
AMBIENT TEMPERATURE (°C)
100
75
50
25
0
70
L
W
P
FA075A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
L
L
W
Config. A
1
P
T
---
→ ←
H
---
16 PIN: SMN1506
---
---
H
Config. B
1
Config. D
1
(SMNN1206 avial. in Config. D only)
4 PIN: SMN0404, SMN0606
1
Config. A
T
H
---
---
L
↓↓↓↓↓
W
↑↑↑↑↑
P
8 PIN: SMN0804, SMN1206, SMN2012
Config. A
Config. B
1
1
↑↑↑↑↑
↓↓↓↓↓
L
W
T
H
---
---
P
RCD’s Series SMN resistor and ZMN jumper chip arrays not
only enable significant pcb space savings, but a sizeable cost
savings over the use of individual components. The savings in
assembly cost, by placing a single chip instead of multiple chips,
more than pays for the cost of these components. SMN/ZMN
feature convex terminations, concave avaliable (see CN Series).
↑↑↑↑↑
SUGGESTED PAD LAYOUT
D
C
↑↑↑↑↑
↓↓↓↓↓
↑↑↑↑↑
↓↓↓↓↓
123
123
123
123
123
123
123
123
123
123
12
12
12
12
12
12
12
12
12
12
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
123
A
B
TYPICAL PERFORMANCE CHARACTERISTICS
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
5
1
+
o
t
C
°
5
5
-
)
c
e
s
5
,
W
d
e
t
a
r
X
5
.
2
(
d
a
o
l
r
e
v
O
e
m
i
t
t
r
o
h
S1
.
0
+
%
2
±
.
x
a
m
)
c
e
s
0
1
,
C
°
0
6
2
(
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R1
.
0
+
%
1
±
.
x
a
m
)
s
r
h
0
0
1
,
C
°
0
4
,
H
R
%
5
9
-
0
9
(
.
s
e
R
e
r
u
t
s
i
o
M1
.
0
+
%
3
±
.
x
a
m
)
s
r
h
0
0
1
,
C
°
5
2
1
(
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H1
.
0
+
%
1
±
.
x
a
m
)
W
d
e
t
a
r
t
a
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L1
.
0
+
%
3
±
.
x
a
m
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
Im
h
o
g
e
M
0
0
0
,
0
1
e
g
a
t
l
o
V
g
n
i
d
n
a
t
s
h
t
i
W
c
i
r
t
c
e
l
e
i
DV
0
0
4
RESISTORS CAPACITORS COILS DELAY LINES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
P/N DESIGNATION:
Termination: W= Lead-free (standard), Q= Tin/Lead
(leave blank if either is acceptable)
SMN 2010 A - 102 - J T
W
Type (SMN, SMNN or ZMN)
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: J=5%(std), G=2%, F=1%, D=0.5%
Leave blank on ZMN zero-ohm jumper arrays
Circuit Configuration: A, B, D
Resis.Code 1%: 3 signif. figures & multiplier,
e.g. 1R00=1
Ω, 10R0=10Ω, 1000=100Ω, 1001=1KΩ, etc.
Resis.Code 2%-5%: 2 signif. figures & multiplier,
e.g. 1R0=1
Ω, 100=10Ω, 101=100Ω, 102=1KΩ, etc.
Leave blank on ZMN zero-ohm jumper arrays (.05
Ω max)
Chip Size
32


Similar Part No. - SMNN2010A-102-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMN VISHAY-SMN Datasheet
172Kb / 5P
   High Precision Surface Mount 4 Resistor Network
Revision: 19-Apr-07
logo
KODENSHI_AUK CORP.
SMN01L20Q KODENSHI-SMN01L20Q Datasheet
438Kb / 8P
   Logic level N-CH Power MOWFET
SMN01Z30Q KODENSHI-SMN01Z30Q Datasheet
442Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN03T80F KODENSHI-SMN03T80F Datasheet
418Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results

Similar Description - SMNN2010A-102-F

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
TT Electronics.
BCN TTELEC-BCN_18 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
741C083 ETC1-741C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com