Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMN16AS-103-G Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # SMN16AS-103-G
Description  THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

SMN16AS-103-G Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  SMN16AS-103-G Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THICK FILM SURFACE MOUNT NETWORKS
SMALL OUTLINE MOLDED DIP
Choice of gull-wing or J-lead styles!
RCD’s SMN series feature SOIC-type packaging with gull-wing
leads, or SOJ type with leads formed under the body for even
greater space savings. The molded construction results in
excellent moisture resistance, and compliant leads prevent
solder joint fatigue under vibration and thermal shock conditions.
Epoxy-molded for excellent environmental performance
Standard tolerance: ±5% (1%, 2% available)
Temperature coefficient: ±100ppm/°C typical
Available on 24mm embossed plastic tape or magazine tube
SMN16 SERIES
POWER RATING
SPECIFICATIONS, TYPICAL
STANDARD CONFIGURATIONS
(Custom circuits available.)
DERATING
S Type (SOIC)
J Type (SOJ)
.016[.4]
.016
[.4]
→ ←
→ ←
.085
[2.2] max.
.040 [1] typ.
.240 ± .012
[6.1 ± .3]
Config. A
(Isolated resistors)
16 PIN/8RES
Config. B
(bussed resistors)
16 PIN/15RES
.
g
i
f
n
o
C
e
p
y
T
r
o
t
s
i
s
e
R
e
l
g
n
i
Se
g
a
k
c
a
P
C
°
5
2
@C
°
0
7
@C
°
5
2
@C
°
0
7
@
AW
5
2
.W
6
1
.W
5
7
.W
5
.
BW
5
2
1
.W
8
0
.W
5
7
.W
5
.
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R3
3
g
e
M
3
.
3
o
t
Re
c
n
a
r
e
l
o
T
e
c
n
a
t
s
i
s
e%
0
1
,
5
,
2
,
1
±
g
n
i
t
a
R
e
g
a
t
l
o
V
r
o
C
D
V
5
2
√ R
P
)
s
s
e
l
s
i
r
e
v
e
h
c
i
h
w
(
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TC
°
0
5
1
+
o
t
5
5
-
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TC
°
/
m
p
p
0
0
2
±
g
n
i
k
c
a
r
T
.
C
.
TC
°
/
m
p
p
0
5
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
V.
p
y
T
V
/
m
p
p
0
5
<
k
c
o
h
S
l
a
m
r
e
h
T5
0
.
+
%
5
.
0
±
d
a
o
l
r
e
v
O
e
m
i
T
-
t
r
o
h
S5
0
.
+
%
5
2
.
±
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R5
0
.
+
%
5
2
.
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M5
0
.
+
%
5
.
0
±
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L5
0
.
+
%
0
.
1
±
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D.
n
i
M
V
0
0
2
FA072A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
Pin #1
Pin #1
.43±.02 [11±0.5]
.30± .02 [7.7± 0.3]
.079 [2]
max
.004
[0.1]
.012 [.3]
0
25
50
75
100
125
150
AMBIENT TEMP. (°C)
16-Pin
Config. A
Config. B
.75
.65
.250
.125
.43±.02 [11±0.5]
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
P/N DESIGNATION:
RCD Type
Tolerance: J=5% (standard), G=2%, F=1%
Packaging: B = Bulk, M = Magazine, T = Plastic Tape
Number of Pins (16 is standard)
Configuration: A=Isolated, B=Bussed
Package Style: S= SOIC, J = SOJ
SMN 16 A
S - 102 - J B W
Resis.Code 1%: 3 signif. figures & multiplier (10R0=10
Ω,
1000=100
Ω, 1001=1K, 1002=10K, 1003=100K, 1004=1M)
Resis.Code 2%-5%: 2 signif. figures & multiplier (100=10
Ω,
101=100
Ω, 102=1KΩ, 103=10K, 104=100K, 105=1M, etc.)
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)
33
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - SMN16AS-103-G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN18T50FD KODENSHI-SMN18T50FD Datasheet
348Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
EIC discrete Semiconduc...
SMN1A EIC-SMN1A Datasheet
107Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
SMN1B EIC-SMN1B Datasheet
107Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
SMN1D EIC-SMN1D Datasheet
107Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
SMN1G EIC-SMN1G Datasheet
107Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
More results

Similar Description - SMN16AS-103-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOMC16012K20GEA VISHAY-SOMC16012K20GEA Datasheet
133Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mount
Revision: 20-May-10
logo
Bi technologies
628L BITECH-628L Datasheet
56Kb / 4P
   R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC_V01 Datasheet
110Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mounts
01-Jan-2022
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
logo
Bi technologies
627 BITECH-627 Datasheet
65Kb / 5P
   220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
logo
Vishay Siliconix
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com