Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWR-5/3-15/250-D48N-C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # TWR-5/3-15/250-D48N-C
Description  Isolated, High Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TWR-5/3-15/250-D48N-C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  TWR-5/3-15/250-D48N-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D48N-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Safety Considerations
The TWR’s must be installed with consideration for any local safety,
certification or regulatory requirements. These vary widely but generally
are concerned with properly sized conductors, adequate clearance between
higher voltage circuits, life testing, thermal stress analysis of components
and flammability of components. Contact DATEL if you need further advice
on these topics.
Remote On/Off Control
The TWR models include an input pin which can turn on or shut off the
converter by remote signal. For positive logic models (no model number
suffix), if this pin is left open, the converter will always be enabled as long
as proper input power is present. On/Off signal currents are referred to the
Input Common pin on the converter. There is a short time delay of several
milliseconds (see the specifications) for turn on, assuming there is no
significant external output capacitance.
The On/Off Control may also be supplied with negative logic (LO = on, HI
= off) using the “N” model number suffix. Here again, leaving the pin open
on either model will enable the converter. Positive logic models must have
this control pin pulled down for shutoff. Negative logic models must pull up
this control pin for shutoff.
Dynamic control of this On/Off input is best done with either a mechani-
cal relay (ground the pin to turn it off), solid state relay (SSR), an open
collector or open drain transistor, CPU bit or a logic gate. The pull down
current is 18mA max. Observe the voltage limits listed in the specifications
for proper operation. Suggested circuits are shown below.
Figure 3. On/Off Control With An External CMOS Gate
Figure 4. On/Off Control With An External Transistor
Isolation Considerations
These converters use both transformer and optical coupling to isolate
the inputs from the outputs. Ideal “floating” isolation implies ZERO CUR-
RENT flowing between the two Common return sections of the input and
output up to the working isolation voltage limit. Real-world isolation on this
converter includes both an AC current path (through some small coupling
capacitance) and some DC leakage current between the two ground
systems. To avoid difficulties in your application, be sure that there are not
wideband, high amplitude AC difference voltages between the two ground
systems. In addition, ground difference voltages applied by your external
circuits which exceed the isolation voltage, even momentarily, may damage
the converter’s isolation barrier. This can either destroy the converter or
instantly render it non-isolated.
Current Limiting and Short Circuit Condition
As the output load increases above its maximum rated value, the
converter will enter current limiting mode. The output voltage will decrease
and the converter will essentially deliver constant power. This is commonly
called power limiting.
If the current continues to increase, the converter will enter short circuit
operation and the PWM controller will shut down. Following a time-out
period, the converter will automatically attempt to restart. If the short
circuit is detected again, the converter will shut down and the cycle will
repeat. This operation is called hiccup autorecovery. Please be aware
that excessive external output capacitance may interfere with the hiccup
autorestart.
Output Filtering and Noise Reduction
All switching DC/DC converters produce wideband output noise which
radiates both through the wiring (conducted emission) and is broadcast
into the air (radiated emission). This output noise may be attenuated by
adding a small amount of capacitance in parallel with the output terminals.
Please refer to the maximum output capacitance in the Specifications.
The amount of capacitance to add depends on the placement of the cap
(near the converter versus near the load), the distance from the converter
to the load (and resulting series inductance), the topology and locations
of load elements if there are multiple parallel loads and the nature of the
loads. For switching loads such as CPU’s and logic, this last item recom-
mends that small bypass capacitors be placed directly at the load. Very
high clock speeds suggest smaller caps unless the instantaneous current
changes are high. If the load is a precision high-gain linear section, addi-
tional filtering and shielding may be needed.
Many applications will need no additional capacitance. However, if more
capacitance is indicated, observe these factors:
1. Understand the noise-reduction objective. Are you improving the switch-
ing threshold of digital logic to reduce errors? (This may need only a
small amount of extra capacitance). Or do you need very low noise for a
precision linear “front end”?
2. Use just enough capacitance to achieve your objective. Additional
capacitance trades off increasing instability (actually adding noise rather
than reducing it), poor settling response, possible ringing or outright
oscillation by the converter. Excessive capacitance may also disable
the hiccup autorestart. Do not exceed the maximum output capacitance
specification.
MDC_TWR22.B02
Page 5 of 9
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Triple Output/TWR Models
Isolated, High Reliability 1" x 2" DC/DC Converters


Similar Part No. - TWR-5/3-15/250-D48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
TWR-5/3000-12/500-D12A-C MURATA-PS-TWR-5/3000-12/500-D12A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
TWR-5/3000-12/500-D48A-C MURATA-PS-TWR-5/3000-12/500-D48A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
TWR-5/3000-15/500-D12A-C MURATA-PS-TWR-5/3000-15/500-D12A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
TWR-5/3000-15/500-D48A-C MURATA-PS-TWR-5/3000-15/500-D48A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
More results

Similar Description - TWR-5/3-15/250-D48N-C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF1020 TSC-SRAF1020_13 Datasheet
245Kb / 3P
   10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
SRF1020 TSC-SRF1020_13 Datasheet
252Kb / 3P
   10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
logo
International Rectifier
SBB501S IRF-SBB501S Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
   High Reliability
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
   High reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
   High reliability
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
   High Reliability
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
   High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com