Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWR-5/3-15/250-D24-C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # TWR-5/3-15/250-D24-C
Description  Isolated, High Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TWR-5/3-15/250-D24-C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TWR-5/3-15/250-D24-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TWR-5/3-15/250-D24-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Model
VOUT
Volts
IOUT
Amps
R/N (mvp-p)
Regulation (Max.)
Typ.
Max.
Line
Load
VIN Nom.
(Volts)
Range
(Volts)
Input Current
Efficiency
Min.
Typ.
Packag
(Case/
Pinout)
No Load
(mA)
Full Load
(Amps)
TWR-3.3/4-12/300-D12-C
3.3
4
40
60
±0.05%
±0.4%
12
9-18
170
2.00
82%
85%
C39/P61
±12
0.3
70
150
±0.35%
±2.5%
TWR-3.3/4-12/300-D24-C
3.3
4
Please contact Murata Power Solutions for further information.
C39/P61
±12
0.3
TWR-3.3/4-12/300-D48N-C
3.3
4
C39/P61
±12
0.3
TWR-3.3/4-15/250-D12-C
3.3
4
C39/P61
±15
0.25
TWR-3.3/4-15/250-D24-C
3.3
4
80
100
±1%
±1%
24
18-36
25
1.00
83%
86%
C39/P61
±15
0.25
100
150
±5%
±5%
TWR-3.3/4-15/250-D48N-C
3.3
4
80
100
±1%
±1%
48
36-75
25
0.50
85%
87%
C39/P61
±15
0.25
100
150
±5%
±5%
TWR-5/3-12/300-D12-C
5
3
80
100
±1%
±1%
12
9-18
120
2.20
81.5%
84%
C39/P61
±12
0.3
100
150
±5%
±5%
TWR-5/3-12/300-D24-C
5
3
80
100
±1%
±1%
24
18-36
90
1.08
83%
86%
C39/P61
±12
0.3
100
150
±5%
±5%
TWR-5/3-12/300-D48N-C
5
3
80
100
±1%
±1%
48
36-75
25
0.53
85%
87%
C39/P61
±12
0.3
100
150
±5%
±5%
TWR-5/3-15/250-D12-C
5
3
40
75
±0.05%
±0.2%
12
9-18
170
2.26
81%
83%
C39/P61
±15
0.25
45
65
±0.5%
±4%
TWR-5/3-15/250-D24-C
5
3
40
75
±0.4%
±0.2%
24
18-36
80
1.09
83%
86%
C39/P61
±15
0.25
45
65
±0.4%
±4%
TWR-5/3-15/250-D48N-C
5
3
65
100
±0.05%
±0.3%
48
36-75
45
0.54
85%
87.5%
C39/P61
±15
0.25
45
60
±0.4%
±4%
Output
Input
MECHANICAL SPECIFICATIONS
1.800
(45.72)
PLASTIC CASE
STANDOFF
0.020 (0.5)
2.00
(50.8)
0.20 MIN
(5.1)
0.49
(12.5)
0.040 ±0.002 DIA.
(1.016 ±0.051)
1
2
3
4
5
6
7
1.00
(25.4)
0.300
(7.62)
0.800
(20.32)
BOTTOM VIEW
0.200
(5.08)
0.10
(2.5)
0.10
(2.5)
0.600
(15.24)
Alternate pin length and/or other output
voltages are available under special
quantity order.
I/O Connections
Pin
Function P61
1
+Input
2
–Input
3
On/Off Control
4
+12V/15V Output
5
–12V/15V Output
6
Common
7
+3.3/5V Output
Performance Specifications and Ordering Guide
Output Configuration
Nominal Auxiliary Output Voltage
Wide Range Input
Maximum Primary Output Current
Maximum Auxiliary Output Current
Nominal Primary Output Voltage
5
T WR
12
300
-
/
-
/
D48
-
3
Input Voltage Range
N
On/Off Control Polarity
See page 9 for complete Part Number Structure and Ordering Information
C
RoHS-6 Hazardous Substance Compliance
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
MDC_TWR22.B02
Page 2 of 9
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Triple Output/TWR Models
Isolated, High Reliability 1" x 2" DC/DC Converters


Similar Part No. - TWR-5/3-15/250-D24-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
TWR-5/3000-12/500-D12A-C MURATA-PS-TWR-5/3000-12/500-D12A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
TWR-5/3000-12/500-D48A-C MURATA-PS-TWR-5/3000-12/500-D48A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
TWR-5/3000-15/500-D12A-C MURATA-PS-TWR-5/3000-15/500-D12A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
TWR-5/3000-15/500-D48A-C MURATA-PS-TWR-5/3000-15/500-D48A-C Datasheet
150Kb / 8P
   20W, Triple Output DC-DC Converters
2015
More results

Similar Description - TWR-5/3-15/250-D24-C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF1020 TSC-SRAF1020_13 Datasheet
245Kb / 3P
   10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
SRF1020 TSC-SRF1020_13 Datasheet
252Kb / 3P
   10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
logo
International Rectifier
SBB501S IRF-SBB501S Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
   High Reliability
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
   High reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
   High reliability
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
   High Reliability
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
   High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com