Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHP28_2_12A Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # UHP28_2_12A
Description  Isolated, 12 Amp Half Brick, 48VIN/28.2VOUT DC/DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UHP28_2_12A Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  UHP28_2_12A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE
Model
Output
Input
Efficiency
Package
(Case/
Pinout)
VOUT
(Volts)
IOUT
(Amps)
R/N (mVp-p)
Regulation
VIN Nom.
(Volts)
Range
(Volts)
IIN
(mA/A)
Typ.
Max.
Line
Load
Min.
Typ.
UHP-28.2/12-D48
28.2
12
100
160
±0.05%
±0.1%
48
36-75
75/7.06
89.5%
91.5%
C66, P17
PART NUMBER STRUCTURE
Nominal Output Voltage:
28.2 Volts
28.2
UHP
12
-
/
D48
Input Voltage Range:
D48 = 36-75 Volts (48V nominal)
Unipolar High-Power
-
N
Baseplate:
Blank = not installed, standard
B = Installed, optional
B
Maximum Output Current:
12 Amps
Figure 1. Simplified Schematic
Typical at TA = +25°C under nominal line voltage and full-load conditions, unless noted.
Ripple/Noise (R/N) is measured over a 20MHz bandwidth and input filter.
Regulation is tested no load to 100% load.
Nominal line voltage, no-load/full-load conditions.
On/Off control Polarity
P = Positive, optional
N = Negative, standard
Note:
Some model number combinations
may not be available. Please contact
Murata Power Solutions.
Typical topology is shown.
UHP_28.2/12_D48.B02 Page 2 of 9
UHP-28.2/12-D48
Isolated, 12 Amp Half Brick, 48VIN/28.2VOUT DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - UHP28_2_12A

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
UHP201610NF TAI-TECH-UHP201610NF Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-100M TAI-TECH-UHP201610NF-100M Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-150M TAI-TECH-UHP201610NF-150M Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-180M TAI-TECH-UHP201610NF-180M Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-1R0Y TAI-TECH-UHP201610NF-1R0Y Datasheet
135Kb / 3P
   Power Inductor
More results

Similar Description - UHP28_2_12A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Murata Manufacturing Co...
HPH_SERIES MURATA-HPH_SERIES Datasheet
316Kb / 12P
   Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
EMH-54-Q48N-C MURATA-EMH-54-Q48N-C Datasheet
1Mb / 15P
   Isolated, 54Vout, 3A, Ethernet Power Half-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com