Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHP28_2_12A Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # UHP28_2_12A
Description  Isolated, 12 Amp Half Brick, 48VIN/28.2VOUT DC/DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UHP28_2_12A Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  UHP28_2_12A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UHP28_2_12A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Short Circuit Condition
When a converter is in current-limit mode, the output voltage will drop as
the output current demand increases. If the output voltage drops too low, the
magnetically coupled voltage used to develop primary side voltages will also
drop, thereby shutting down the PWM controller. Following a time-out period,
the PWM will restart causing the output voltage to begin ramping to their
appropriate value. If the short-circuit condition persists, another shutdown
cycle will be initiated. This on/off cycling is referred to as "hiccup" mode. The
hiccup cycling reduces the average output current, thereby preventing internal
temperatures from rising to excessive levels. The UHP Series is capable of
enduring an indefinite short circuit output condition.
Features and Options
Remote Sense
Note: The Sense and VOUT lines are internally connected through resistors
(=<10 ). Nevertheless, if the sense function is not used for remote regulation
the user should connect the +Sense to +VOUT and –Sense to –VOUT at the DC/
DC converter pins.
UHP Series converters employ a sense feature to provide point of use regula-
tion, thereby overcoming moderate IR drops in pcb conductors or cabling.
The remote sense lines carry very little current and therefore require minimal
cross-sectional-area conductors. The sense lines, which are capacitively
coupled to their respective output lines, are used by the feedback control-loop
to regulate the output. As such, they are not low impedance points and must
be treated with care in layouts and cabling. Sense lines on a pcb should be
run adjacent to dc signals, preferably ground. In cables and discrete wiring
applications, twisted pair or other techniques should be implemented.
UHP Series converters will compensate for drops between the output voltage
at the DC/DC and the sense voltage at the DC/DC provided that:
[VOUT (+) –VOUT (–)] –[Sense(+) –Sense (–)] =< 10% VOUT
Output overvoltage protection is monitored at the output voltage pin, not the
Sense pin. Therefore, excessive voltage differences between VOUT and Sense
in conjunction with trim adjustment of the output voltage can cause the
overvoltage protection circuitry to activate (see Performance Specifications for
overvoltage limits). Power derating is based on maximum output current and
voltage at the converter's output pins. Use of trim and sense functions can
cause output voltages to increase, thereby increasing output power beyond
the conveter's specified rating, or cause output voltages to climb into the
output overvoltage region. Therefore, the designer must ensure:
(VOUT at pins) x (IOUT ) =< rated output power
On/Off Control
The primary-side, Remote On/Off Control function (pin 3) can be specified to
operate with either positive or negative polarity. Positive-polarity devices ("P"
suffix) are enabled when pin 3 is left open or is pulled high. Positive-polarity
devices are disabled when pin 3 is pulled low (0-0.8V with respect to –Input).
Negative-polarity devices are off when pin 3 is high/open and on when pin 3
is pulled low or grounded. See Figure 5.
Dynamic control of the remote on/off function is best accomplished with
a mechanical relay or an open-collector/open-drain drive circuit (optically
isolated if appropriate). The drive circuit should be able to sink appropri-
ate current (see Performance Specifications) when activated and withstand
appropriate voltage when deactivated.
Trimming Output Voltage
UHP converters have a trim capability (pin 7) that allows users to adjust the
output voltage within the specified range. Adjustments to the output voltages
can be accomplished via a trim pot (Figure 6) or a single fixed resistor, shown
in Figures 7 and 8. A single fixed resistor can increase or decrease the output
voltage depending on its connection. The resistor should be located close to
the converter and have a TCR less than 100ppm/°C to minimize sensitivity to
temperature changes. If the trim function is not used, leave the trim pin floating.
A single resistor connected from the Trim (pin 7) to the +Sense (pin 6), will
increase the output voltage (Figure 8). A resistor connected from the Trim (pin
9) to the –Sense (pin 8), will decrease the output voltage (Figure 9).
Trim adjustments greater than the specified range can have an adverse affect
on the converter's performance and are not recommended. Excessive voltage
differences between VOUT and Sense, in conjunction with trim adjustment of
the output voltage, can cause the overvoltage protection circuitry to activate
(see Performance Specifications for overvoltage limits). Power derating is
based on maximum output current and voltage at the converter's output
3
1
4
REF
+INPUT
EQUIVALENT CIRCUIT FOR
POSITIVE AND NEGATIVE
LOGIC MODELS
CONTROL
–INPUT
ON/OFF
CONTROL
+
LOAD
+OUTPUT
–INPUT
Sense Current
Contact and PCB resistance
losses due to IR drops
Contact and PCB resistance
losses due to IR drops
Sense Return
+INPUT
ON/OFF
CONTROL
TRIM
+SENSE
–OUTPUT
–SENSE
9
8
1
4
7
5
IOUT Return
IOUT
6
3
Figure 4. Remote Sense Circuit Configuration
Figure 5. Driving the On/Off Control Pin
UHP_28.2/12_D48.B02 Page 6 of 9
UHP-28.2/12-D48
Isolated, 12 Amp Half Brick, 48VIN/28.2VOUT DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - UHP28_2_12A

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
UHP201610NF TAI-TECH-UHP201610NF Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-100M TAI-TECH-UHP201610NF-100M Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-150M TAI-TECH-UHP201610NF-150M Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-180M TAI-TECH-UHP201610NF-180M Datasheet
135Kb / 3P
   Power Inductor
UHP201610NF-1R0Y TAI-TECH-UHP201610NF-1R0Y Datasheet
135Kb / 3P
   Power Inductor
More results

Similar Description - UHP28_2_12A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Murata Manufacturing Co...
HPH_SERIES MURATA-HPH_SERIES Datasheet
316Kb / 12P
   Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
EMH-54-Q48N-C MURATA-EMH-54-Q48N-C Datasheet
1Mb / 15P
   Isolated, 54Vout, 3A, Ethernet Power Half-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com