Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCH_SERIES Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # UCH_SERIES
Description  1.8−15V Output DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UCH_SERIES Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button UCH_SERIES Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UCH_SERIES Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
UCH-5/10-D48
UCH-5/20-D24
UCH-5/30-D48
UCH-12/4.2-D48
UCH-12/12.5-D48
UCH-15/6.7-D48
Isolation Voltage
Input to Output, Volts min.
2250
Input to baseplate, Volts min.
1500
Baseplate to output, Volts min.
1500
Isolation resistance, MΩ
100
Isolation capacitance, pF
1000
Isolation safety rating
Basic insulation
Miscellaneous
Current limit inception (98% of VOUT,
after warmup), Amps
13
26
35
5.4
14.5
7.4
Short circuit protection method
Current limiting, hiccup autorestart. Remove overload for recovery.
Short circuit current, Amps
5
Short circuit duration
Output may be shorted continuously to ground (no damage).
Overvoltage protection, Volts
(via magnetic feedback)
7.75 max.
7.5 max.
7.5
18 max.
16.8 max.
17.5
Prebiased Startup
Starts if external voltage is less than VNOM.
Dynamic characteristics
Dynamic load response
(50-75-50% load step)
200 μSec to ±1%
of final value
200 μSec to ±1%
of final value
200 μSec to ±1%
of final value
250 μSec to ±1%
of final value
250 μSec to ±1%
of final value
250 μSec to ±1%
of final value
Start-up time
VIN to VOUT regulated, mSec
10 max.
Remote On/Off to VOUT
regulated, mSec
10 max.
Switching frequency, KHz
300 ± 30
330 ± 40
300 ± 30
335 ± 35
335 ± 35
350 ± 40
Environmental
Calculated MTBF
1.6M hours
TBD
1.9M hours
1.6M hours
TBD
Operating temperature range
(with derating)
−40 to +85 (See Derating Curves)
Operating temperature,
with baseplate °C
(no derating required)
−40 to +120
Storage temperature range, °C
−55 to +125
Thermal protection/shutdown, °C
+120
+115
Relative humidity
To +85°C/85%, non-condensing
MDC_UCH Models.A15 Page 7 of 18
Single Output UCH Models
Isolated, “Half-Brick”
1.8−15V Output DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - UCH_SERIES

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UCH-X5 ULTRALIFE-UCH-X5 Datasheet
227Kb / 1P
   Easy to clean surfaces for medical environment
Rev: -
UCH0036 ULTRALIFE-UCH0036 Datasheet
548Kb / 1P
   Convenient wall socket single unit charger
Rev A
UCH0036-I ULTRALIFE-UCH0036-I Datasheet
548Kb / 1P
   Convenient wall socket single unit charger
Rev A
UCH0036-S ULTRALIFE-UCH0036-S Datasheet
548Kb / 1P
   Convenient wall socket single unit charger
Rev A
UCH0037 ULTRALIFE-UCH0037 Datasheet
551Kb / 1P
   LED status indicator
Rev A
More results

Similar Description - UCH_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
   DC/DC CONVERTERS - 9V OUTPUT
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
Torex Semiconductor
XC9307 TOREX-XC9307 Datasheet
846Kb / 22P
   Negative Output Voltage DC/DC Converters
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
   Triple Output 3W DC-DC Converters
logo
Murata Manufacturing Co...
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
   Triple Output 3W DC/DC Converters
logo
Microdc power Technolog...
B-XD-2W MICRODC-B-XD-2W Datasheet
1Mb / 5P
   Isolated 2WSingle Output DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC1SAN CINCON-EC1SAN Datasheet
250Kb / 2P
   1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SAN CINCON-EC2SAN Datasheet
180Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com