Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AHCT32 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54AHCT32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHCT32 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN54AHCT32 Datasheet HTML 10Page - Texas Instruments SN54AHCT32 Datasheet HTML 11Page - Texas Instruments SN54AHCT32 Datasheet HTML 12Page - Texas Instruments SN54AHCT32 Datasheet HTML 13Page - Texas Instruments SN54AHCT32 Datasheet HTML 14Page - Texas Instruments SN54AHCT32 Datasheet HTML 15Page - Texas Instruments SN54AHCT32 Datasheet HTML 16Page - Texas Instruments SN54AHCT32 Datasheet HTML 17Page - Texas Instruments SN54AHCT32 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN5432 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54LVC32A QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54AHC32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54HC32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54F32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54HCT32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  Texas Instruments
SN54AC32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
74ACT11032 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  Texas Instruments
SN54LV32A QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn