Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWR-3.3/4-12/300-D12-C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # TWR-3.3/4-12/300-D12-C
Description  Isolated, High Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TWR-3.3/4-12/300-D12-C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  TWR-3.3/4-12/300-D12-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TWR-3.3/4-12/300-D12-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage, nominal output voltage, natural air convection,
external caps and full-load conditions unless noted.
All models are tested/specified with two external 0.047μF output capacitors. These capacitors
are necessary to accommodate our test equipment and may not be required to achieve speci-
fied performance in your applications. All models are stable and regulate within spec under
no-load conditions.
Input Reflected Ripple Current is tested/specified over a 20MHz bandwidth. Input filtering is
CIN = 33μF, 100V tantalum; CBUS = 220μF, 100V electrolytic; LBUS = 12μH. See Technical Notes.
For consistent operation, the instantaneous input voltage for full output load must not go below
the low shutdown voltage AT ALL TIMES. Beware of excessive voltage drop from long input
wiring. For reliable startup, be sure to apply input power promptly and fully as a step function.
Mean Time Before Failure is calculated using the Telcordia (Belcore) SR-332 Method 1, Case
3, ground fixed conditions, TCASE = +25°C, full load, natural air convection.
The On/Off Control may be driven with external logic or the application of appropriate voltages
(referenced to Common). The On/Off Control input should use either an open collector/open drain
transistor or logic gate which does not exceed +VIN. The On/Off Control may be supplied with with
negative logic (LO = on, HI = off) using the "N" model suffix.
Maximum Power Derating curves indicate an average current at nominal input voltage. At higher
temperatures and/or lower airflow, the DC/DC converter will tolerate brief full current outputs if
the total RMS current over time does not exceed the derating curve.
All models are fully operational and meet published specifications, including cold start at –40°C.
Output noise may be further reduced by adding an external filter. See I/O Filtering and Noise
Reduction.
The outputs share a common isolated return. The two output sections are not isolated from
each other.
Regulation specifications describe the deviation as the line input voltage or output load current
is varied from a nominal midpoint value to either extreme.
The outputs will not accept appreciable reverse current without possible damage.
Input
Input Voltage Range
See Ordering Guide
Start-Up Threshold:
12V Models
9V minimum, 9.5V typical
24V Models
16.5V minimum, 17V typical
48V Models
34V minimum, 35V typical
Undervoltage Shutdown:
12V Models
8V minimum, 8.5V typical
24V Models
16V minimum, 16.5V typical
48V Models
32.5V minimum, 34.5V typical
Overvoltage Shutdown:
12V Models
20V typical, 21V maximum
24V Models
38V typical, 40V maximum
48V Models
78.5V typical, 81V maximum
Reflected (Back) Ripple Current
12mA typical, 20mAp-p maximum
Input Current:
Full Load Conditions
See Ordering Guide
No Load VIN = nominal
12V and 24V Models
25mA typical, 50mA maximum
48V Models
170mA typical, 200mA maximum
Low-Line Voltage (VIN =VMIN, full load)
TBD
Remote On/Off Control
Positive Logic (no model suffix)
Off = ground pin to +1.2V maximum
On = open pin to +VIN maximum
Current
2mA maximum
Negative Logic (N model suffix)
On = ground pin to +1.2V maximum
Off = open pin to +VIN maximum
Current
18mA maximum
Output
VOUT Range
See Ordering Guide
VOUT Accuracy:
3.3V or 5V Output
±1% of VNOM
±12V or ±15V Outputs
±10% of VNOM (See Technical Notes)
Temperature Coefficient
±0.02% of VOUT range/°C
Minimum Loading:
See Technical Notes
3.3V or 5V Output
No minimum load
±12V or ±15V Outputs
20% minimum of nominal output current,
balanced load
Ripple/Noise (20MHz BW)
See Ordering Guide
Line/Load Regulation
See Ordering Guide & Technical Notes
Efficiency
See Ordering Guide
Maximum Capacitive Loading:
3.3V or 5V Output
TBD
±12V or ±15V Outputs
TBD
Isolation:
Input to Output Voltage
1500Vdc minimum
Resistance
100M
Capacitance
470pF
Isolation Safety Rating
Functional insulation
Current Limit Inception: (98% of VOUT)
3.3V Output
5 Amps minimum, 6.2 Amps maximum
5V Output
4 Amps minimum, 5.2 Amps maximum
±12V Outputs
0.36 Amps minimum, 1 Amp maximum
±15V Outputs
0.5 Amps minimum, 1.2 Amps maximum
Short-Circuit Detection:
3.3V or 5V Output
Magnetic feedback
±12V or ±15V Outputs
Magnetic feedback plus voltage clamp
Short-Circuit Potection Method
Current limiting with hiccup autorestore.
Remove overload for recovery.
Short-Circuit Current:
3.3V or 5V Output
2 Amps maximum
±12V or ±15V Outputs
1 Amp maximum
Short Circuit Duration (no damage)
Continuous, output shorted to ground
Overvoltage Protection:
3.3V or 5V Output
3.8Vdc minimum, 4.2Vdc maximum
±12V or ±15V Outputs
30Vdc maximum
Method: magnetic feedback
Dynamic Characteristics
Dynamic Load Response (50-100% loadstep)
3.3V or 5V Output
150μsec to ±1.5% of final value
±12V or ±15V Outputs
150μsec to ±10% of final value
Start-Up Time
VIN to VOUT regulated
TBD msec for VOUT = nominal
Switching Frequency
330kHz ±20kHz
Environmental
Calculated MTBF
TBD
Operating Temperature: (Ambient)
No Derating (Natural convection)
–40 to +65°C
With Derating
See Derating Curves
Operating Case Temperature
–40 to +100°C maximum
Storage Temperature
–40 to +120°C
Thermal Protection/Shutdown
+110°C minimum to 120°C maximum
Density Altitude
0 to 10,000 feet
Relative Humidity
10% to 90%, non-condensing
Physical
Dimensions
See Mechanical Specifications
Case and Header Material
Black Diallyl Phthalate plastic
Pin Dimensions/Material
0.04" (1.016mm) dia. Gold-plated copper
alloy with nickel underplate.
Weight
TBD
Electromagnetic Interference
TBD
Safety
UL/cUL 60950-1 CSA-C22.2 No.234
IEC/EN 60950-1
MDC_TWR22.B02
Page 3 of 9
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Triple Output/TWR Models
Isolated, High Reliability 1" x 2" DC/DC Converters


Similar Part No. - TWR-3.3/4-12/300-D12-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TWR-3.3/4250-12/625-D24 MURATA-TWR-3.3/4250-12/625-D24 Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
TWR-3.3/4250-12/625-D48 MURATA-TWR-3.3/4250-12/625-D48 Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
TWR-3.3/4250-15/500-D24 MURATA-TWR-3.3/4250-15/500-D24 Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
TWR-3.3/4250-15/500-D48 MURATA-TWR-3.3/4250-15/500-D48 Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
More results

Similar Description - TWR-3.3/4-12/300-D12-C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF1020 TSC-SRAF1020_13 Datasheet
245Kb / 3P
   10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
SRF1020 TSC-SRF1020_13 Datasheet
252Kb / 3P
   10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
logo
International Rectifier
SBB501S IRF-SBB501S Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
   High Reliability
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
   High reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
   High reliability
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
   High Reliability
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
   High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com