Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-TGD-SX Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # SFP-TGD-SX
Description  Multi-rate SFP Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-TGD-SX Datasheet(HTML) 2 Page - MRV Communications, Inc.

  SFP-TGD-SX Datasheet HTML 1Page - MRV Communications, Inc. SFP-TGD-SX Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Business Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Pluggables
MRV-OP-SFPMR-040108
1398010-001 Rev. B
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
Ordering Information
Min
Max
SFP-DGD-SX
Dual Rate SFP,
Multi-mode
GbE/1 Gbps FC/
2.1 Gbps FC
850
-10
-2
-18
DL*
0
1.00E
-12
2.125
-20 to 85
Yes
0 - 0.50
SFP-TGD-SX
Triple Rate SFP,
Multi-mode
1.063/2.125/4.25 Gbps
FC/1.25 Gbps GbE
850
-10
-2
-15
DL*
0
1.00E
-12
4.25
-20 to 85
Yes
0 - 0.50
SFP-DGD-LX
Dual Rate SFP,
Single-mode
GbE/1 Gbps FC/
2.1 Gbps FC
1310
-10
-3
-21
10
0
1.00E
-12
2.125
-40 to 85
Yes
0 - 10
SFP-TGD-SR4
Triple Rate SFP,
Single-mode
1.063/2.125/4.25 Gbps
FC/1.25 Gbps GbE
1310
-10
3
-18
8
0
1.00E
-12
4.25
-20 to 85
Yes
0 - 10 (1GFC)
0 - 4 (4GFC)
* DL - Dispersion Limited
** Dispersion penalty may apply
*** Maximum range quoted not possible with all wavelengths and/or fiber. Please consult MRV.


Similar Part No. - SFP-TGD-SX

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-TGD-SX-C ATGBICS-SFP-TGD-SX-C Datasheet
375Kb / 10P
   SFP-TGD-SX ZyXEL Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - SFP-TGD-SX

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-27DCWEIR MRV-SFP-27DCWEIR Datasheet
39Kb / 1P
   CWDM Multi-rate SFP Interfaces
EM316DMR10G-3R MRV-EM316DMR10G-3R Datasheet
792Kb / 3P
   SFP Multi-Rate Dual Transponder
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
logo
MRV Communications, Inc...
SFP-MR-35IR1 MRV-SFP-MR-35IR1 Datasheet
75Kb / 4P
   SFP Multi Rate Bidirectional Transceivers
EM316DMR3G-3R MRV-EM316DMR3G-3R Datasheet
325Kb / 4P
   SFP Multi-Rate Dual Transponder
logo
Source Photonics, Inc.
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
SP-MR-LR2-CDA SOURCE-SP-MR-LR2-CDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com