Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB04U12S15Q Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # HB04U12S15Q
Description  4.0W Unregulated High Isolation DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HB04U12S15Q Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  HB04U12S15Q Datasheet HTML 1Page - Murata Power Solutions Inc. HB04U12S15Q Datasheet HTML 2Page - Murata Power Solutions Inc. HB04U12S15Q Datasheet HTML 3Page - Murata Power Solutions Inc. HB04U12S15Q Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260°C for a period of
no more than 10 seconds. Within this time and temperature range, the integrity of the device’s plastic body will not be compromised and internal temperatures
within the converter will not exceed 175°C. Care should be taken to control manual soldering limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.....................................................................1W
Short Circuit Duration................................................................Momentary
Lead Temperature (soldering, 10 seconds max)..............................+300°C
ORDERING INFORMATION
Device Family
HB04U Indicates DC/DC Converter
Model Number
Where:
xx = Input Voltage
y = Number or Outputs (Single "S", Dual "D")
zz = Output Voltage
Package Option
HB04U xxyzz Q
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
EFFICIENCY VS LOAD
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
100
80
60
40
20
0
22.5
21.0
19.5
18.0
16.5
15.0
22.5
21.0
19.5
18.0
16.5
15.0
16
15
14
13
12
11
16
15
14
13
12
11
7.5
7.0
6.5
6.0
5.5
5.0
7.5
7.0
6.5
6.0
5.5
5.0
TYPICAL PERFORMANCE CURVES
HB04U.A01 Page 3 of 3
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HB04U
4.0W Unregulated High Isolation DC/DC Converter


Similar Part No. - HB04U12S15Q

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HB04U12S15QC MURATA-PS-HB04U12S15QC Datasheet
127Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
HB04U12S15QC MURATA-PS-HB04U12S15QC Datasheet
230Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
2018
More results

Similar Description - HB04U12S15Q

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HB04UC MURATA-PS-HB04UC Datasheet
127Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
logo
C&D Technologies
HB04U CANDD-HB04U Datasheet
95Kb / 4P
   4.0 WATT UNREGULATED HIGH ISOLATION DC/DC CONVERTER
logo
Vicor Corporation
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X320Y30A VICOR-B048X320Y30A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X240Y30A VICOR-B048X240Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X060Y24A VICOR-B048X060Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X480Y30A VICOR-B048X480Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X080Y24A VICOR-B048X080Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X096Y24A VICOR-B048X096Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com