Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNX350-U4E Datasheet(PDF) 2 Page - C&D Technologies

Part # DNX350-U4E
Description  DC/DC Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

DNX350-U4E Datasheet(HTML) 2 Page - C&D Technologies

  DNX350-U4E Datasheet HTML 1Page - C&D Technologies DNX350-U4E Datasheet HTML 2Page - C&D Technologies DNX350-U4E Datasheet HTML 3Page - C&D Technologies DNX350-U4E Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DNX350 4/2002 REV B
Page 2
Input Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
DC
36
48
72
VDC
Inrush Current Limiting
36VDC
25
APK
72VDC
50
APK
Efficiency
48VDC at full load
70
%
Remote Sense
Remote Sense is provided on Output #1 and will
compensate for 0.7V of line drop. Remote Sense leads
are protected against open, short and reversal.
Remote On/Off (Optional)
The power supply is turned on with a TTL logic ‘1’ (or open)
signal and turned off by a switch closure or TTL logic ‘0’
referenced to (-) sense terminal.
Over Voltage Protection
Output #1: 6.5V ± 0.5 VDC.
The power supply will latch off until AC power is cycled.
Over Current Protection
Individual current limit on all outputs. Automatic recovery
upon fault removal.
Active Inrush Current Limiting
Inrush current is independent of ambient temperature.
Transient Response
The peak output voltage excursion will not exceed 2% and
will recover within 1% in 200
μsec for a 25% load step
change.
Over Temperature Protection
Thermal switch turns off power supply if overheating occurs
and automatically restarts.
Safety
Safety Certified to UL/CUL to 1950, File Number E131694.
TUV to EN60950/IEC 950.
Cooling
The unit is designed to operate with 30 CFM of airflow.


Similar Part No. - DNX350-U4E

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DNX350-U4E CANDD-DNX350-U4E Datasheet
448Kb / 4P
   350 WATT DC/DC POWER SUPPLY
More results

Similar Description - DNX350-U4E

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
   Power Supply DC-DC Converters
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
   DC/DC Power Supply Module
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
   DC/DC Power Supply Module
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC9 MSYSTEM-HDC9 Datasheet
94Kb / 1P
   DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
   DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com