Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI200D-3C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # CPCI200D-3C
Description  200W 3Ux4HP DC/DC CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CPCI200D-3C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  CPCI200D-3C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CPCI200D-3C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CPCI200D-3C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CPCI200D-3C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CPCI200D-3C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cPCI200D Series
200W 3Ux4HP DC/DC CompactPCI™ Power Supply
cPCI200D Series.B01 Page 3 of 5
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
AmbientOperatingTemperature
De-rate output power linearly above 50ºC to half-power at 70ºC.
0
70
ºC
Ambient Storage Temperature
-20
85
ºC
Cooling Airflow
50ºC ambient, full load
300
lfm
Humidity
Operating; non-condensing
10
90
%
Storage; non-condensing
5
90
%
Altitude
Operating. De-rate operating ambient temperature by 2Cº per 1000ft above 5000ft.
-200
10000
ft
Storage
-200
50000
ft
ELECTROMAGNETIC COMPATIBILITY (EMC)
Characteristic
Compliance
Conducted Emissions
EN 300 386
NEBS GR-1089
CERTIFICATIONS
Agency/Characteristic
Standard
UL
UL1950
CSA
CSA950 (per cUL)
VDE
EN60950
CE
LVD Directive; self-certified
RoHS
EN Directive 2002/95/EC; self-certified; see Selection Guide table for specific model
compliance
SELV
Self-certified
Vibration
MIL-STD-810D, Method 514.3, Procedure I; self-certified
Shock
MIL-STD-810D, Method 516.3, Procedure I; self-certified
IPMI/IPMB POWER SUPPLY SATELLITE CONTROLLER FEATURES
Complies with IPMI V1.5 Rev 1.1 and IPMB V1.0
Complies with PICMG 2.9 (CompactPCI Systems Management Specification)
8 analog inputs configured for monitoring voltages and currents on power supply outputs V1 - V4
Monitors the thermal sensor (DEG#) and fault signal (FAL#)
Output inhibit can be controlled by IPMI commands
Self Test with LED indicator (can be read and overridden by IPMI commands)
6 programmable thresholds on each analog sensor; each threshold on each sensor can be enabled to generate event messages if that threshold is crossed
Thermal sensor can be enabled to generate event messages
Responds to all mandatory IPMI commands and numerous optional commands as indicated in the functional specification
Firmware can be upgraded via the IPMB bus
Includes Device SDR’s (Sensor Data Records) – These specify the type of sensor for each input (voltage, current, temperature, etc.) as well as the conversion formulas for raw
ADC data to voltages, currents, etc.
Includes FRU data such as model number, serial number and firmware creation date


Similar Part No. - CPCI200D-3C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI200D-3 CANDD-CPCI200D-3 Datasheet
232Kb / 4P
   180/225 wATT, 3U x 4HP CompactPCI
More results

Similar Description - CPCI200D-3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI500DC MURATA-TPS_CPCI500DC Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
   200W Wide input AC/DC switching power supply
TPCLR-200-XS TOPPOWER-TPCLR-200-XS Datasheet
869Kb / 4P
   200W Wide input AC/DC switching power supply
TPC-200-XS TOPPOWER-TPC-200-XS Datasheet
537Kb / 4P
   200W Wide input AC/DC switching power supply
logo
Advantech Co., Ltd.
MIC-3890 ADVANTECH-MIC-3890 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com