Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM-43MM Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # SHM-43MM
Description  High-Speed, 0.01% Hybrid Sample/Hold
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SHM-43MM Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  SHM-43MM Datasheet HTML 1Page - Murata Power Solutions Inc. SHM-43MM Datasheet HTML 2Page - Murata Power Solutions Inc. SHM-43MM Datasheet HTML 3Page - Murata Power Solutions Inc. SHM-43MM Datasheet HTML 4Page - Murata Power Solutions Inc. SHM-43MM Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
+15V
-5V
ANALOG
+5V
DIGITAL
+5V
1μF
0.01μF
+
1μF
1μF
minimum
0.01μF
+
1μF
0.01μF
+
1μF
0.01μF
+
+
+
+
1
INPUT
S/H
OUTPUT
SHM-43
100Ω
R1 **
6
5
7
3
11
2
9
8
10
13
14
12
4
S/H *
Figure 2. Test CIrcuit Connections
Figure 3. Test Method tor Circuit Shown In FIgure 2
*
Connections shown for S/H; if opposite polarity sample hold command Is desired, connect
S/H CONTROL (pin 6) to DIGITAL +5V (pin 4). Using the opposite polarity S/H command will
not effect speed or accuracy.
**
The SHM-43 MS been optimized tor driving 100Ω loads. R1 should be chosen so that the
total load on the S/H is 100Ω.
+5V
S/H COMMAND
0V (GND)
+1V
ANALOG INPUT
-1V
20nS
±0.01%
25nS
±0.01%
ACQUISITION
TIME
25nS
±0.01%
TYP.
20nS
±0.01%
TRACK
TO HOLD
SETTLING,
TYP.
FEEDTHRU
80 dB
+1V
SAMPLE HOLD OUTPUT
-1V
SAMPLE
HOLD
SHM-43
High-Speed, 0.01% Hybrid Sample/Hold
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_SHM-43.B01 Page 4 of 5


Similar Part No. - SHM-43MM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
SHM-43MM DATEL-SHM-43MM Datasheet
117Kb / 4P
   High-Speed, 0.01% Hybrid Sample/Hold
SHM-43MM DATEL-SHM-43MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results

Similar Description - SHM-43MM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
SHM-43 DATEL-SHM-43 Datasheet
117Kb / 4P
   High-Speed, 0.01% Hybrid Sample/Hold
logo
List of Unclassifed Man...
SHM-49 ETC1-SHM-49 Datasheet
42Kb / 3P
   Miniature, High-Speed -0.01% Sample-Hold Amplifiers
logo
Burr-Brown (TI)
SHC804 BURR-BROWN-SHC804 Datasheet
83Kb / 5P
   High Speed SAMPLE/HOLD AMPLIFIER
logo
List of Unclassifed Man...
SHM-7 ETC-SHM-7 Datasheet
109Kb / 2P
   VIDEO SPEED SAMPLE HOLD
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
   High Speed Sample-and-Hold Amplifier
REV. B
logo
Sony Corporation
CXA1843Q SONY-CXA1843Q Datasheet
518Kb / 20P
   High-Speed Sample-and-Hold IC
logo
Burr-Brown (TI)
SHC600BH BURR-BROWN-SHC600BH Datasheet
136Kb / 4P
   Ultra-High Speed SAMPLE/HOLD AMPLIFIER
logo
Analog Devices
AD346 AD-AD346_15 Datasheet
1Mb / 4P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
logo
Sony Corporation
CXA1009 SONY-CXA1009 Datasheet
740Kb / 19P
   HIGH-SPEED SAMPLE AND HOLD AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com