Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC_WPN30R Datasheet(PDF) 3 Page - C&D Technologies

Part # TDC_WPN30R
Description  30 Watt Single Output Half Brick DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TDC_WPN30R Datasheet(HTML) 3 Page - C&D Technologies

  TDC_WPN30R Datasheet HTML 1Page - C&D Technologies TDC_WPN30R Datasheet HTML 2Page - C&D Technologies TDC_WPN30R Datasheet HTML 3Page - C&D Technologies TDC_WPN30R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
WPN30R
REV A
6/02
Product: www.cdpowerelectronics.com
15V
12V
5V
3V
OUTPUT RIPPLE VS. TEMPERATURE
-40
-15
25
65
110
Tcase (C)
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
50
45
40
35
30
25
20
15
10
5
0
10
9
8
76
5
4
32
1
Percentage Change In Output Voltage
5
5
3
-trim +trim
10
5
0
-5
-10
-40
-15
25
65
110
100% Load
20% Load
Tcase (C)
-10
-5
0
5
10
Percentage Change In Output Voltage
100
90
80
70
60
50
40
30
20
10
0
10
9
8
7
6
5
4
3
2
1
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
EFFICIENCY VS. OUTPUT LOAD
90
85
80
75
70
65
60
55
50
10
20
40
50
60
80
100
Output Load (% or Rated)
1.4
1.2
1
0.8
0.6
0.4
OUTPUT RIPPLE VS. INPUT VOLTAGE
Vin
LL
Nom
HL
12
15
15
+trim -trim trim
1.2
1
0.8
0.6
EFFICIENCY VS. TEMPERATURE
HYSTERESIS GRAPH
Undervoltage Lockout Threshold Voltages
Nominal Input
Shutdown Low
Shutdown High
Voltage Range
Voltage (V1)
Voltage (V2)
OFF
ON
48
32.5
33.5
Specifications typical at TA=25°C, rated output current.
PERFORMANCE GRAPHS
90
85
80
75
70
65
60
Vin
EFFICIENCY VS. INPUT VOLTAGE
34
39
44
49
54
59
64
69
74
50%Load
10%Load
100%Load
Vin


Similar Part No. - TDC_WPN30R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
TDC-08 ADAM-TECH-TDC-08 Datasheet
148Kb / 1P
   BARRIER TERMINAL STRIPS
logo
Mini-Circuits
TDC-10-1 MINI-TDC-10-1 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
TDC-10-2 MINI-TDC-10-2 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
logo
BOWEI Integrated Circui...
TDC-10A BOWEI-TDC-10A Datasheet
102Kb / 1P
   Broad band Directional Coupler
TDC-10B BOWEI-TDC-10B Datasheet
102Kb / 1P
   Broad band Directional Coupler
More results

Similar Description - TDC_WPN30R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
   30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
   10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com