Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR091B080CL Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # VR091B080CL
Description  DC/DC Converter Programmable, Single Output, 1.100V - 1.85V @ 80A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR091B080CL Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  VR091B080CL Datasheet HTML 1Page - Murata Power Solutions Inc. VR091B080CL Datasheet HTML 2Page - Murata Power Solutions Inc. VR091B080CL Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 1.100V - 1.85V @ 80A
Ordering Information
VR091B080CL
Family
VR = VRM
VRM Specification
091 = 9.1
Input Voltage
B = 12Vin
Package Type
L = Low Profile
Connector Type
C = Card Edge
Peak Output Current
080 = 80A
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
01/19/09


Similar Part No. - VR091B080CL

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VR091B080CS MURATA-PS-VR091B080CS Datasheet
120Kb / 3P
   DC/DC Converter Programmable, Single Output, 1.075V - 1.85V @ 80A
VR091B080CS-1C MURATA-PS-VR091B080CS-1C Datasheet
120Kb / 3P
   DC/DC Converter Programmable, Single Output, 1.075V - 1.85V @ 80A
More results

Similar Description - VR091B080CL

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VR091B080CS MURATA-PS-VR091B080CS Datasheet
120Kb / 3P
   DC/DC Converter Programmable, Single Output, 1.075V - 1.85V @ 80A
VRK81B080CU MURATA-PS-VRK81B080CU Datasheet
166Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
C&D Technologies
VRK81B080CS CANDD-VRK81B080CS Datasheet
109Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VR100B080CU-2C MURATA-PS-VR100B080CU-2C Datasheet
151Kb / 6P
   DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 80A
VRK81B100TH MURATA-PS-VRK81B100TH Datasheet
173Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
Murata Manufacturing Co...
MDC_VRK81B100CS MURATA-MDC_VRK81B100CS Datasheet
129Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
ON Semiconductor
LV52133A ONSEMI-LV52133A Datasheet
853Kb / 15P
   Programmable DC-DC Converter dual-output, Single-Inductor
June 2016- Rev. 2
logo
C&D Technologies
VR102B150CS-2C CANDD-VR102B150CS-2C Datasheet
117Kb / 5P
   DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
VR102B150CU CANDD-VR102B150CU Datasheet
251Kb / 4P
   DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
VR102B150CU-3C CANDD-VR102B150CU-3C Datasheet
107Kb / 5P
   DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com