Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S020-1220120-FB Datasheet(PDF) 8 Page - C&D Technologies

Part # S020-1220120-FB
Description  DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

S020-1220120-FB Datasheet(HTML) 8 Page - C&D Technologies

  S020-1220120-FB Datasheet HTML 1Page - C&D Technologies S020-1220120-FB Datasheet HTML 2Page - C&D Technologies S020-1220120-FB Datasheet HTML 3Page - C&D Technologies S020-1220120-FB Datasheet HTML 4Page - C&D Technologies S020-1220120-FB Datasheet HTML 5Page - C&D Technologies S020-1220120-FB Datasheet HTML 6Page - C&D Technologies S020-1220120-FB Datasheet HTML 7Page - C&D Technologies S020-1220120-FB Datasheet HTML 8Page - C&D Technologies S020-1220120-FB Datasheet HTML 9Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
S020_084-S020-00_RevC_Jan12-2005.fm
8 of 9
Output Level
Output Capacitance *
+5V
One 680uF, 6.3V SP OSCON
+3.3V
One 820uF, 4V SP OSCON
+2.5V
One 820uF, 4V SP OSCON
+1.8V
One 820uF, 4V SP OSCON
+1.5
One 820uF, 4V SP OSCON
1.25V
One 820uF, 4V SP OSCON
1.2V
One 820uF, 4V SP OSCON
Or equivalent. MBZ type AL-E caps
or POSCAPs may be used instead.
Input and Output Capacitance
The power supply requires the following capacitance (or equivalent) on the PWB.
* Output Ceramic Capacitance > 60µF located close to the module
Output Transient Response (Dynamic Loading)
The output voltages will remain within their regulation limits specified for the load steps defined
below. The maximum over/undershoot voltages will not exceed those defined below and will not
cause any over or undervoltage detection circuits to activate. The load slew rate will not exceed
10A/µS. Recommended input and output capacitors should be used to meet the Spec.
Output
Level
Maximum Load
Step
Minimum Starting
DC Load
Voltage
Over/Undershoot
+5V
50%
0A
±4%
+3.3V
50%
0A
±5%
+2.5V
50%
0A
±5%
+1.8V
50%
0A
±7%
+1.5
50%
0A
±7%
1.25V
50%
0A
±10%
1.2V
50%
0A
±10%
INPUT CAPACITANCE
Although input capacitance value is not critical, the input capacitors must be capable of storing
fairly large amounts of energy. The primary criteria, though, for choosing the input capacitors is AC
ripple current rating. The SIP datasheet contains a chart showing ripple current vs. output current
(or output power). The system designer determines the maximum SIP output current required from
the SIP. Based on that number, the chart will show a corresponding ripple current rating the
designer needs to plan for when choosing input capacitors. Suggested capacitors are OSCONS,
MBZ type AL-E or POSCAPS. It is advised that the ripple current capacity of the capacitor be
derated to the estimated ambient temperature. Capacitors of at least 16V are necessary and the
user should also place >22µF of ceramics close to the module.


Similar Part No. - S020-1220120-FB

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
S020 BURKERT-S020 Datasheet
1Mb / 13P
   Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
logo
Sumida Corporation
S020A SUMIDA-S020A Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
S020B SUMIDA-S020B Datasheet
58Kb / 1P
   Current Sense Transformer
More results

Similar Description - S020-1220120-FB

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
S016-1220120-FB CANDD-S016-1220120-FB Datasheet
194Kb / 9P
   DC/DC Converter 12V Input, 1.2 - 5.0V Adjustable Output, 16A or 45W
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Bel Fuse Inc.
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
logo
Galaxy Power, Inc.
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
Infineon Technologies A...
IFX91041 INFINEON-IFX91041 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
IFX91041 INFINEON-IFX91041_10 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.02, 2010-02-23
logo
Mean Well Enterprises C...
ADS-55 MEANWELL-ADS-55_10 Datasheet
378Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
ADS-55 MEANWELL-ADS-55 Datasheet
705Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
logo
Mitsubishi Electric Sem...
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com