Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S016-1240120-FB Datasheet(PDF) 5 Page - C&D Technologies

Part # S016-1240120-FB
Description  DC/DC Converter 12V Input, 1.2 - 5.0V Adjustable Output, 16A or 45W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

S016-1240120-FB Datasheet(HTML) 5 Page - C&D Technologies

  S016-1240120-FB Datasheet HTML 1Page - C&D Technologies S016-1240120-FB Datasheet HTML 2Page - C&D Technologies S016-1240120-FB Datasheet HTML 3Page - C&D Technologies S016-1240120-FB Datasheet HTML 4Page - C&D Technologies S016-1240120-FB Datasheet HTML 5Page - C&D Technologies S016-1240120-FB Datasheet HTML 6Page - C&D Technologies S016-1240120-FB Datasheet HTML 7Page - C&D Technologies S016-1240120-FB Datasheet HTML 8Page - C&D Technologies S016-1240120-FB Datasheet HTML 9Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
12V Input, 1.2 - 5.0V Adjustable Output, 16A or 45W
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
S016_084-S016-00_RevG_Jan12-2005.fm
5 of 9
PWRGD - Power Good Signal
The power good signal will be asserted, driven high, by the converter to indicate that the output is
valid. If the output fails the specified DC voltage regulation limits or the output is below 90% of
the nominal voltage, then the PWRGD signal will be driven low.
The output is an open collector/drain. It is capable of driving the output below 0.4V with a load of
4mA.
PWRGD_SET - Power Good Signal Levelset
The section sets the Power Good signal levels with a single resistor connected between the
PWRGD_SET (Pin9) and Ground (Pin7). Note fault condition is Low signal on PWRGD_SET.
OUTPUT VOLTAGE
PWRGD_SET RESISTOR (1%tol)
5V
SHORT ( Zero Ohm)
3.3V
1.78K
2.5V
4.22K
1.8V
11.8K
1.25V
169K
1.2V
Open
Logic Timings
90%
OUTPUT
PWRGD
On
Off
PWRGD Sense Level = 90% of nom T2
T3
10%
DC Vin
ENABLE
ON
T7
Off
Output Rise Time
0ms < T2 < 5ms
PWRGD Delay
0ms < T3 < 10ms
ENABLE-TO-OUTPUT DELAY
0ms < T7 < 100ms
PWRGD_Threshold
6.19 k
1.24
2.21 k
Rset
+
18.86 10
6
⎛⎜
⎞⎟
1.24
+
:=


Similar Part No. - S016-1240120-FB

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S01-30200500 HARWIN-S01-30200500 Datasheet
61Kb / 1P
   EZ SHIELD CAN
S01-30300500 HARWIN-S01-30300500 Datasheet
61Kb / 1P
   EZ SHIELD CAN
S01-50250500 HARWIN-S01-50250500 Datasheet
61Kb / 1P
   EZ SHIELD CAN
logo
NIHON DEMPA KOGYO
S010G010GA NDK-S010G010GA Datasheet
499Kb / 2P
   Local Oscillator of Microwave Equipment
S010M010MA NDK-S010M010MA Datasheet
378Kb / 3P
   OCXO UNIT
More results

Similar Description - S016-1240120-FB

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Bel Fuse Inc.
V7PF-15A1AC BEL-V7PF-15A1AC Datasheet
287Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12V Input 1.2V-5.0V/15A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com