Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82473C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 82473C
Description  Miniature Surface Mount Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

82473C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  82473C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 82473C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 82473C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 82473C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KMP_8200C_B02 Page 2 of 4
8200 Series
Miniature Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
0.1
1
10
100
1000
0.01
0.1
1
10
Current, IDC (A)
1μH
4.7μH
470μH
47μH
Current, IDC (A)
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
1μH
4.7μH
47μH
470μH
0.1
1
10
100
1000
10000
10
100
1000
10000
Frequency, f (kHz)
1μH
4.7μH
47μH
470μH


Similar Part No. - 82473C

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8247 FILTRAN-8247 Datasheet
198Kb / 1P
   LAN 10/100 BASE-T Single Port Transformer Modules
logo
API Technologies Corp
8247 APITECH-8247 Datasheet
659Kb / 1P
   10/100 BASE-T Single Port Transformer Module
logo
FIBOX Enclosing innovat...
8247050 FIBOX-8247050 Datasheet
36Kb / 1P
   Mounting Frame with DIN-rails, for enclosures
26.07.2023
More results

Similar Description - 82473C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_8400 MURATA-KMP_8400 Datasheet
123Kb / 3P
   Miniature Surface Mount Power Inductors
logo
Murata Power Solutions ...
8400 MURATA-PS-8400 Datasheet
143Kb / 3P
   Miniature Surface Mount Power Inductors
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com