Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC-HZ12BMC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DAC-HZ12BMC
Description  12-Bit, Industry-Standard Digital-to-Analog Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAC-HZ12BMC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DAC-HZ12BMC Datasheet HTML 1Page - Murata Power Solutions Inc. DAC-HZ12BMC Datasheet HTML 2Page - Murata Power Solutions Inc. DAC-HZ12BMC Datasheet HTML 3Page - Murata Power Solutions Inc. DAC-HZ12BMC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DAC-HZ Series
®
®
Figure 6. Bipolar Current Output Connections
®®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
MECHANICAL DIMENSIONS INCHES (mm)
Figure 7. Using a High-Speed External Op Amp for
Faster Settling
13
14
15
16
17
18
19
20
21
22
23
24
+15V
12
11
10
9
8
7
6
5
4
3
2
1
1µF
1µF
±100mV
V
–15V
C (0.001
TO 0.01µF)
2.8M
BIT
12
11
10
9
8
7
6
5
4
3
2
1
LSB
MSB
DIGITAL
INPUTS
2.2M
OUT
GAIN ADJUST
10k
TO 100k
ZERO ADJUST
10k
TO 100k
+15V
DAC-HZ12B
(BOTTOM VIEW)
–15V
–15V
100
+15V
IOUT = ±1mA
BIPOLAR OFFSET
17
10V RANGE
Pin 20 or 21
18
20V RANGE
19
CURRENT OUT
20
DAC-HZ12B
or
DAC-HZ12D
X
A
External high-speed inverting op amp; use DATEL's AM-500
for less than 1µsec output settling.
A =
Refer to the output range selection tables, Tables 1 and 2.
Wherever pin 15 appears, use pin X of the external amplifier and
scale as desired.
0.500/0.610
(12.70/15.49)
DATEL
PIN 1
IDENTIFIER
1
24
0.225 MAX.
(5.72 MAX.)
0.030/0.070
(0.76/1.78)
0.014/0.023
(0.36/0.58)
0.100 TYP.
(2.54)
0.590/0.620
(14.98/15.74)
1.290 MAX.
(32.77 MAX.)
0.120/0.200
(3.05/5.08)
0.015/0.075
(0.38/1.91)
12
13
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum)
gold plating over 100 microinches
(nominal) nickel plating
OPERATING
OUTPUT
MODEL
TEMP. RANGE
CODING
DAC-HZ12BGC
0 to +70°C
Binary
DAC-HZ12BMC
0 to +70°C
Binary
DAC-HZ12BMM
–55 to +125°C
Binary
DAC-HZ12BMM-QL
–55 to +125°C
Binary
OPERATING
OUTPUT
MODEL
TEMP. RANGE
CODING
DAC-HZ12DGC
0 to +70°C
BCD
DAC-HZ12DMC
0 to +70°C
BCD
DAC-HZ12DMM
–55 to +125°C
BCD
DAC-HZ12DMM-QL
–55 to +125°C
BCD
Contact DATEL for information concerning our QL high-reliability screening program.
ORDERING INFORMATION
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
DS-0134
1996


Similar Part No. - DAC-HZ12BMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAC-HZ12BMC ETC-DAC-HZ12BMC Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HZ12BMC DATEL-DAC-HZ12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HZ12BMC-C DATEL-DAC-HZ12BMC-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
More results

Similar Description - DAC-HZ12BMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
TelCom Semiconductor, I...
TC7109 TELCOM-TC7109 Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
TC7109 MICROCHIP-TC7109_13 Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
logo
Texas Instruments
TLC5618 TI-TLC5618 Datasheet
376Kb / 26P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI1-TLC5618_16 Datasheet
872Kb / 25P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
logo
Integrated Circuit Syst...
MN3850 ICST-MN3850 Datasheet
756Kb / 4P
   Industry Standard Military 12-bit D/A Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com