Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC-HF8BMM Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DAC-HF8BMM
Description  Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAC-HF8BMM Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DAC-HF8BMM Datasheet HTML 1Page - Murata Power Solutions Inc. DAC-HF8BMM Datasheet HTML 2Page - Murata Power Solutions Inc. DAC-HF8BMM Datasheet HTML 3Page - Murata Power Solutions Inc. DAC-HF8BMM Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DAC-HF Series
®
®
APPLICATIONS
OUTPUT
TYPICAL SETTLING
STEP
TIME TO 1LSB
20V
2μs
10V
600ns
5V
400ns
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
OUTPUT
TYPICAL SETTLING
STEP
TIME TO 1LSB
20V
300ns
10V
200ns
5V
150ns
Figure 6. Unipolar Ultra-Fast Voltage Output Circuit
Figure 7. Unipolar Fast Voltage Output Circuit
MECHANICAL DIMENSIONS
INCHES (mm)
ORDERING INFORMATION
1 µ F
+
1 0 0
Ω
R
+
B I T 1
+ 1 5 V
B I T 1 2
1 2
1
2 4
D A C - H F
2 3
2 2
2 0
2 1
1 6
1 5
1 4
1 3
1 9
1 7
1 8
– 1 5 V
0 . 1 µ F
– 1 5 V
1 µ F
0 . 1 µ F
O U T P U T
1 0
F E E D B A C K ; S e e p r o g r a m m a b l e
o u t p u t r a n g e c o n n e c t i o n s , T a b l e 3 .
*
*
R
=
R
F E E D B A C K
x 4 0 0
R
F E E D B A C K
+ 4 0 0
A M - 5 0 0
4
5
+ 1 5 V
7 5 0 k
G A I N
A D J U S T
Z E R O
A D J U S T
2 0 k
9
1 µ F
+
1 0 0
Ω
+
B I T 1
+ 1 5 V
B I T 1 2
1 2
1
2 4
D A C - H F
2 3
2 2
2 0
2 1
1 6
1 5
1 4
1 3
1 9
1 7
1 8
0 . 1 µ F
– 1 5 V
1 µ F
0 . 1 µ F
A M - 4 5 2
O U T P U T
2
3
6
F E E D B A C K ; S e e p r o g r a m m a b l e
o u t p u t r a n g e c o n n e c t i o n s , T a b l e 3 .
*
*
1 5 V
O F F S E T
A D J U S T
2 0 k
Ω
5
1
7
G A I N
A D J U S T
OPERATING
MODEL
TEMP. RANGE
BITS
DAC-HF8BMC
0 to +70°C
8
DAC-HF8BMM
–55 to +125°C
8
DAC-HF8/883 ➀
–55 to +125°C
8
DAC-HF10BMC
0 to +70°C
10
DAC-HF10BMM
–55 to +125°C
10
DAC-HF10/883 ➀
–55 to +125°C
10
DAC-HF12BMC
0 to +70°C
12
DAC-HF12BMM
–55 to +125°C
12
DAC-HF12/883 ➀
–55 to +125°C
12
®®
USA:
Tucson (Az), Tel: (800) 547 2537, email: sales@cdtechno.com
Portland (OR), Tel: 971 206 2800, email: portland@cdtechno.com
Canada: Toronto, Tel: (905) 944 2850, email: toronto@cdtechno.com
United Kingdom: Milton Keynes, Tel: +44 (0)1908 615232,
email: mk@cdtechno.com
France: Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01,
email: france@cdtechno.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@cdtechno.com
Japan: Tokyo, Tel: 3-3779-1031, email: sales_tokyo@cdtechno.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@cdtechno.com
Website: www.cd4power.jp
China: Shanghai, Tel: +86 215 027 3678, email: shanghai@cdtechno.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@cdtechno.com
C&D Technologies, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
www.cd4power.com
email: sales@cdtechno.com
ISO 9001 REGISTERED
DS-0132C 6/2007
C&D Technologies, Inc. makes no representation that the use of its products in the circuits described
herein, or the use of other technical information contained herein, will not infringe upon existing or future
patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell
equipment constructed in accordance therewith. Specifications are subject to change without notice.


Similar Part No. - DAC-HF8BMM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results

Similar Description - DAC-HF8BMM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com