Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55050C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 55050C
Description  15A Current Sensing Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

55050C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  55050C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 55050C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_5500C_B02 Page 1 of 2
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
5500 Series
15A Current Sensing Transformers
For full details go to
www.murata-ps.com/rohs
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Primary current rating 15A4
50, 100, & 200 turn variants
Primary to secondary isolation 1000Vrms
50kHz-500kHz frequency range
Surface mount
Industry-standard footprint
UL94 V-0 package materials
Tube or tape & reel packaging available
J-STD-020C reflow
PRODUCT OVERVIEW
The 5500 series of current sense
transformers are designed to monitor AC
currents. The transformers can be used
for high frequency current sensing in
applications such as switched-mode power
supplies, motor control, and electronic
lighting ballasts.
SELECTION GUIDE
Order
Code1
Turns
Ratio
Min.
Secondary
Inductance
Max. DC Resistance
Isolation
Voltage2
(Pri-Sec)
Terminating Resistance
to produce 1VOUT/1AIN
Primary (1,3-2,4)
Secondary (5-6)
±0.1%
mH
Vrms
Ω
55050C
1:1:50
3.8
2.3
350
1000
50
55100C 1:1:100
14.8
2.3
850
1000
100
55200C 1:1:200
60.0
2.3
3600
1000
200
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 125°C
Storage temperature range
-40°C to 140°C
SOLDERING INFORMATION3
Peak reflow solder temperature
245˚C
Pin finish
Reflowed tin
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Schematic
Weight = 1.7g Typ.
Recommended Footprint Details
Tube Outline Dimensions
Tube length: 475±2.0 (18.701±0.079)
Tube quantity: 35 Tube material: Antistatic coated clear PVC
Specifications typical at T
A
= 25°C
1. If components are required in tape and reel format suffix order code with -R, e.g. 55050C-R.
2. Flash tested for 1 second.
3. For further information, please visit www.murata-ps.com/rohs
4. Primary windings connected in parallel.
1
1
N
1
2
3
4
5
6
Primary
Secondary
12.7 (0.5)
10.16 (0.4)
10.4
(0.409)
1.02
(0.040)
2.54 (0.1)
2.54
(0.1)
0.76
(0.030)
9.20
(0.362)
15.00 (0.591)
0.60±0.15 (0.024±0.006)
Unless otherwise stated, all dimensions in mm (inches) ±0.25 (0.010).
14.6
(0.575)
Max.
7.1
(0.280)
Max.
12.6
(0.496)
Max.
55XXXC
XYYWW
1
3
S
5
6
2
4
0.13 (0.005)
x4 Places


Similar Part No. - 55050C

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
550500 FESTO-550500 Datasheet
116Kb / 2P
   Air preparation combination unit
2/9/22
550501 FESTO-550501 Datasheet
114Kb / 2P
   Air preparation combination unit
2/3/22
logo
Cornell Dubilier Electr...
550501T400AC2B CDE-550501T400AC2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Festo Corporation.
550502 FESTO-550502 Datasheet
116Kb / 2P
   Air preparation combination unit
2/3/22
logo
Cornell Dubilier Electr...
550502T200CC2B CDE-550502T200CC2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
More results

Similar Description - 55050C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
   15A Current Sensing Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
logo
Murata Power Solutions ...
56050C MURATA-PS-56050C Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Murata Manufacturing Co...
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Bel Fuse Inc.
SCS BEL-SCS Datasheet
1Mb / 5P
   High Frequency SMD Current Sensing Transformers
August 24 2022
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com