Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51105C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 51105C
Description  Common Mode Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

51105C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  51105C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 51105C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 51105C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_5100C_A01 Page 1 of 3
5100 Series
Common Mode Chokes
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance
DC Current
DC Resistance
Leakage
Inductance
Nom.
Range
Max.
Max.
Max.
mH
mH
A
μH
51504C
0.5
0.37-0.68
4.1
27
9
51105C
1.0
0.75-1.39
3.3
38
18
51305C
3.0
2.16-4.02
1.9
97
45
51505C
5.0
3.62-6.73
1.2
197
75
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 125°C
Storage temperature range
-40°C to 125°C
Isolation voltage
1500Vrms
SOLDERING INFORMATION1
Peak wave solder temperature
260°C
Pin finish
Tin
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Recommended Footprint Details
Package weight: 6.0g Typ.
All dimensions in mm (inches)
Pin Connections
Packaging
Supplied in trays (30 pieces per tray)
Specifications typical at T
A
= 25°C
1 For further information, please visit www.murata-ps.com/rohs
FEATURES
RoHS compliant
Toroidal construction
Up to 4.1A IDC
Inductance range from 0.5 to 5.0mH
Small footprint
UL 94V-0 packaging materials
Low DC resistance
Guaranteed 3.0mm creepage and clearance
between windings
The 5200 series is a range of through-hole
common mode chokes designed to attenuate up to
100MHz common mode noise where line filtering
is required, such as high current switching power
supplies and telecom applications.
PRODUCT OVERVIEW
XYYWW
51504C
18.00 (0.709)
10.00±0.50
(0.394±0.020)
0.75 (0.030)
12.70 (0.500)
21.00 (0.827) Max.
2.54 (0.100)
x4 Holes, Ø1.00(0.04)
12
43


Similar Part No. - 51105C

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
511050 APITECH-511050 Datasheet
62Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511051 APITECH-511051 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511052 APITECH-511052 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511053 APITECH-511053 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511054 APITECH-511054 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 51105C

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com