Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U-W-1600-12-HA1C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # D1U-W-1600-12-HA1C
Description  AC/DC Front End Power Supply S1U Power Shelf
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U-W-1600-12-HA1C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  D1U-W-1600-12-HA1C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U-W-1600-12-HA1C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U-W-1600-12-HA1C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U-W-1600-12-HA1C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U-W-1600-12-HA1C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U-W-1600-12-HA1C Datasheet HTML 6Page - Murata Power Solutions Inc. D1U-W-1600-12-HA1C Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Technical enquiries email: toronto@murata-ps.com, tel: +1 (866) 740 1232
www.murata-ps.com
D1U-W-1600-12-Hx Series
AC/DC Front End Power Supply + S1U Power Shelf
CPS_D1U-W-1600-12-Hx.C06 Page 4 of 7
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
DC and Signal Connector: Tyco Part # 1-6450132-2, or FCI PowerBlade # 51732-021
Pin Assignment
Signal Name
Description
High Level
Low Level
I Max
P1, P2, P7, P8
VOUT
Main output voltage
P3, P4, P5, P6
VRTN
Main output voltage, return
A1
Sense +
VOUT remote sense, positive node input, connected to the
+ve load point
A2
Sense -
VOUT remote sense, negative node input, connected to the
-ve load point
C5, C6, D5, D6
V_SB
Standby voltage output
C3, C4, D3, D4
V_SB Return
Standby voltage, return, tied internally to Output Return
B1
I_Share
Active load sharing bus
0 – 8V
-4 mA / +5 mA
D1
AC_OK
Input AC Voltage “OK” signal output (Internal pull up is
10kΩ to Vsb)
>2.4V (active, OK)
<0.4V
+4 mA
-2 mA
D2
P_Good
Power good signal output (Internal pull up is 10kΩ to Vsb)
>2.4V (active, Good)
<0.4V
+4 mA
-2 mA
B5
PS_Kill
Floating pin will turn off P/S (shorter pin, last-make and
first-break contact for hot plugging). This signal overrides
PS-On in disabling the Main Output
>2.1V (open, or Vsb)
<0.7V (active, PS:On)
N/A
B6
PS_Present
Internally tied to Vsb return
0 V
A6
PS_On
Internal 1K ohm pull-up to Vsb, (accepts open collector/
drain drive), This signal to be pulled low to turn-on power
supply
>2.1V (open, or Vsb)
<0.7V (active, PS:On)
-4 mA
-1 mA
A3
I2C Data
I2C serial data bus
Vsb
A4
I2C Clock
I2C serial clock bus
Vsb
B2
I2C Adr0
Address input 0, internal pull-up to Vsb
>2.1V, < Vsb
<0.8V
±1 mA
B3
I2C Adr1
Address input 1, internal pull-up to Vsb
>2.1V, <Vsb
<0.8V
±1 mA
B4
I2C Adr2
Address input 2, internal pull-up to Vsb
>2.1V, <Vsb
<0.8V
±1 mA
D1U MATING CONNECTORS
12V D1U mat-
ing connector
Press Fit
Solder 2
Straight
Right Angle
Straight
Right Angle
MPS
N/A
N/A
N/A
36-0430032-0
FCI
51742-10802400CALF
51762-10802400CBLF
51742-10802400AALF
51762-10802400ABLF
Tyco
TBD
TBD
TBD
TBD
2 Solder connector recommended for board thickness of <0.090
P1
P2
P3
P4
P5
P6
P7
P8
x1
x2
x3
x4
x5
x6
VOUT
VOUT
VRTN
VRTN
VRTN
VRTN
VOUT
VOUT
AC_OK
P_GOOD
V_SB
RETURN
V_SB
RETURN
V_SB
+OUT
V_SB
+OUT
D
SPARE
SPARE
V_SB
RETURN
V_SB
RETURN
V_SB
+OUT
V_SB
+OUT
C
I_SHARE
I2C ADR0
I2C ADR1
I2C ADR2
PS_KILL
PS_
PRESENT
B
SENSE +
SENSE -
I2C DATA
I2C
CLOCK
SPARE
PS_ON
A
mate-last pins


Similar Part No. - D1U-W-1600-12-HA1C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-1600-48-HA1C MURATA-PS-D1U-W-1600-48-HA1C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HA1C MURATA-PS-D1U-W-1600-48-HA1C Datasheet
171Kb / 5P
   AC-DC Front End Power Supply
D1U-W-1600-48-HA1C MURATA-PS-D1U-W-1600-48-HA1C Datasheet
171Kb / 5P
   AC-DC Front End Power Supply
D1U-W-1600-48-HA2C MURATA-PS-D1U-W-1600-48-HA2C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HA2C MURATA-PS-D1U-W-1600-48-HA2C Datasheet
171Kb / 5P
   AC-DC Front End Power Supply
More results

Similar Description - D1U-W-1600-12-HA1C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-2000-48-HC2C MURATA-PS-D1U-W-2000-48-HC2C Datasheet
334Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HC2C MURATA-PS-D1U-W-1200-48-HC2C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com