Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AHCT02 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54AHCT02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHCT02 Datasheet(HTML) 3 Page - Texas Instruments

  SN54AHCT02 Datasheet HTML 1Page - Texas Instruments SN54AHCT02 Datasheet HTML 2Page - Texas Instruments SN54AHCT02 Datasheet HTML 3Page - Texas Instruments SN54AHCT02 Datasheet HTML 4Page - Texas Instruments SN54AHCT02 Datasheet HTML 5Page - Texas Instruments SN54AHCT02 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54AHCT02, SN74AHCT02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS262I – DECEMBER 1995 – REVISED JANUARY 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54AHCT02
SN74AHCT02
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
∆t/∆v
Input transition rise or fall rate
20
20
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT02
SN74AHCT02
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
IOH = –50 mA
45 V
4.4
4.5
4.4
4.4
V
VOH
IOH = –8 mA
4.5 V
3.94
3.8
3.8
V
VOL
IOL = 50 mA
45 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
0.44
V
II
VI = VCC or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
∆ICC†
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
1.35
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
4
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT02
SN74AHCT02
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
2.4**
5.5**
1**
6.5**
1
6.5
ns
tPHL
A or B
Y
CL = 15 pF
3.5**
5.5**
1**
6.5**
1
6.5
ns
tPLH
AorB
Y
CL =50 pF
3.4
7.5
1
8.5
1
8.5
ns
tPHL
A or B
Y
CL = 50 pF
4.5
7.5
1
8.5
1
8.5
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54HCT02 QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  More Texas Instruments
SN74F36 QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  Texas Instruments
SN5402 QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  More Texas Instruments
SN54L02 Quadruple 2-input positive-nor gates 1  2  3  4  5  More Texas Instruments
SN54ALS02A QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  More Texas Instruments
SN54F02 QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  Texas Instruments
74AC11002 QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  Texas Instruments
SN54LV02A QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  More Texas Instruments
SNJ54HC02 QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  More Texas Instruments
SN54HC02 QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn