Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U-W-2000-48-HB2C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # D1U-W-2000-48-HB2C
Description  AC/DC Front End Power Supply S1U Power Shelf
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U-W-2000-48-HB2C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  D1U-W-2000-48-HB2C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U-W-2000-48-HB2C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U-W-2000-48-HB2C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U-W-2000-48-HB2C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U-W-2000-48-HB2C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U-W-2000-48-HB2C Datasheet HTML 6Page - Murata Power Solutions Inc. D1U-W-2000-48-HB2C Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
D1U-W-2000-48-Hx Series
AC/DC Front End Power Supply + S1U Power Shelf
CPS_D1U-W-2000-48-Hx.C06 Page 3 of 7
www.murata-ps.com
Technical enquiries email: toronto@murata-ps.com, tel: +1 (866) 740 1232
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Insulation Safety Rating / Test Voltage
Input to Output - Reinforced
3000
Vrms
Input to Chassis - Basic
1500
Vrms
Isolation
Output to Chassis
Output to Output
Material Flammability
UL 94V-0
Grounding
Main Output Return and Standby Output Return are connected internally. 100kΩ resistor parallel with 100nF
capacitor is connected between Return and power supply chassis. Main Output Return should be connected to
the System Chassis.
CONTROL SIGNALS
Status
Conditions
Description
LED
Off
No AC input to all PS
Flashing Yellow
Power Supply Failure
Flashing Green
Main Output Absent
Green
Power Supply Good
I2C Registers
Status
PS-ON, PGOOD, ACOK, PS_BAD, FANFAIL, OT Warning &
shutdown, AC Range
Output Fault
48V OV, 48V UV, 48V OC, Vsb Fail, Fan1 Fail, Fan2 Fail
48V Output
8 bit scaled output voltage
48V
8 bit scaled output current
Fan1 Monitor
8 bit scaled output current
Fan2 Monitor
8 bit scaled output current
EMISSIONS AND IMMUNITY
Characteristic
Description
Criteria
Harmonics
IEC/EN 61000-3-2
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
Emission Conducted
FCC 47 CFR Parts 15/CISPR 22/EN55022
Class A, 6dB margin
Emission Radiated
FCC 47 CFR Parts 15/CISPR 22/EN55022
Class A, 6dB margin
ESD
IEC/EN 61000-4-2
4kV contact discharge
8kV operational air discharge
15kV non-operational air discharge
Electromagnetic Field
IEC/EN 61000-4-3
Electrical Fast Transients/Burst
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
1kV/2kV, Performance Criteria B
RF Conducted Immunity
IEC/EN 61000-4-6
3 Vac, 80% AM, 1kHz, Performance Criteria A
Magnetic Immunity
IEC/EN 61000-4-8
3 A/m
Voltage dips, interruptions
IEC/EN 61000-4-11


Similar Part No. - D1U-W-2000-48-HB2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-2000-48-HB2C MURATA-PS-D1U-W-2000-48-HB2C Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
D1U-W-2000-48-HB2C MURATA-PS-D1U-W-2000-48-HB2C Datasheet
655Kb / 5P
   AC/DC Front End Power Supply
2017
More results

Similar Description - D1U-W-2000-48-HB2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HC2C MURATA-PS-D1U-W-1200-48-HC2C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-12-HC2C MURATA-PS-D1U-W-1600-12-HC2C Datasheet
348Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com