Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U-W-1600-48-HC2C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # D1U-W-1600-48-HC2C
Description  AC/DC Front End Power Supply S1U Power Shelf
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U-W-1600-48-HC2C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  D1U-W-1600-48-HC2C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U-W-1600-48-HC2C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U-W-1600-48-HC2C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U-W-1600-48-HC2C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U-W-1600-48-HC2C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U-W-1600-48-HC2C Datasheet HTML 6Page - Murata Power Solutions Inc. D1U-W-1600-48-HC2C Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
D1U-W-1600-48-Hx Series
AC/DC Front End Power Supply + S1U Power Shelf
CPS_D1U-W-1600-48-Hx.C06 Page 5 of 7
Technical enquiries email: toronto@murata-ps.com, tel: +1 (866) 740 1232
www.murata-ps.com
CONNECTOR TO CUSTOMER SYSTEM
Signal Connector: MOLEX # 39-28-5204 OR TYCO # 281282-1
Mating Connector: MOLEX # 0039521204
Pin Assignment
Signal Name
Description
High Level
Low Level
I Max
1
AC_OK11
Input AC Voltage ‘OK’ signal output for the 2nd shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
2
P_Good12
Power good signal output for the 2nd shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
3
PS_On13
Power enable for the 2nd shelf
> 2.1V (open, or Vsb)
< 0.7V (active, PS:On)
- 1 mA
- 4 mA
4
NOT USED
5
AC_OK01
Input AC Voltage “OK” signal output for the local shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
6
P_Good02
Power good signal output for the local shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
7
PS_OnO3
Power enable for the local shelf
> 2.1V (open, or Vsb)
< 0.7V (active, PS:On)
- 1 mA
- 4 mA
8
NOT USED
9I2C Adr2
Address input 2
> 2.1V, < Vsb
< 0.8V
± 1 mA
10
I2C Clock4
I2C serial clock bus
Vsb
11
I2C Data4
I2C serial data bus
Vsb
12
I_SHARE
13
SENSE +5
14
SENSE -5
15
Vsb
Standby voltage output
16
Vsb
Standby voltage output
17
Vsb
Standby voltage output
18
GND
GROUND
19
GND
GROUND
20
GND
GROUND
All control signals are with respect to Ground. Negative currents exit the power supply.
1 Signal goes low when any one of the three power supplies loses AC
2 Signal goes low when any one of the three power supplies fail
3 In a standalone shelf (without I2C control) Pull this pin to GND to turn on three power supplies at the same time. With I2C control, leave this signal float and Use I2C to turn on one power supply at a time.
4 Recomended 10KOhm pull up resistor to host 3.3 or 5V rail
5 Short Sense+ to +Vout and Sens- to GND at the point of load
SHELF TO SHELF CONNECTION
Signal Connector: MOLEX # 39-28-5164 OR TYCO # 281281-1
Pin Assignment
Signal Name
Description
High Level
Low Level
I Max
1
AC_OK11
Input AC Voltage ‘OK’ signal output for the 2nd shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
2
P_Good12
Power good signal output for the 2nd shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
3
PS_On13
Power enable for the 2nd shelf
> 2.1V (open, or Vsb)
< 0.7V (active, PS:On)
- 1 mA
- 4 mA
4
NOT USED
5
NOT USED
6I2C Clock4
I2C serial clock bus
Vsb
7I2C Data4
I2C serial data bus
Vsb
8
I_SHARE
9
SENSE +5
10
SENSE -5
11
Vsb
Standby voltage output
12
Vsb
Standby voltage output
13
Vsb
Standby voltage output
14
GND
GROUND
15
GND
GROUND
16
GND
GROUND


Similar Part No. - D1U-W-1600-48-HC2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
171Kb / 5P
   AC-DC Front End Power Supply
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
171Kb / 5P
   AC-DC Front End Power Supply
More results

Similar Description - D1U-W-1600-48-HC2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-2000-48-HC2C MURATA-PS-D1U-W-2000-48-HC2C Datasheet
334Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HC2C MURATA-PS-D1U-W-1200-48-HC2C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-12-HC2C MURATA-PS-D1U-W-1600-12-HC2C Datasheet
348Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com