Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1U-W-1200-48-TB2C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # C1U-W-1200-48-TB2C
Description  AC/DC Front End Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

C1U-W-1200-48-TB2C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  C1U-W-1200-48-TB2C Datasheet HTML 1Page - Murata Power Solutions Inc. C1U-W-1200-48-TB2C Datasheet HTML 2Page - Murata Power Solutions Inc. C1U-W-1200-48-TB2C Datasheet HTML 3Page - Murata Power Solutions Inc. C1U-W-1200-48-TB2C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical enquiries email: toronto@murata-ps.com, tel: +1 (866) 740 1232
www.murata-ps.com
C1U-W-1200-48-Tx Series
AC/DC Front End Power Supply
C1U-W-1200-48-Tx.A04 Page 3 of 4
CONTROL SIGNALS
Status
Conditions
Description
LED
Off
No AC input to all PS
Flashing Yellow
Power Supply Failure
Flashing Green
Main Output Absent
Green
Power Supply Good
EMISSIONS AND IMMUNITY
Characteristic
Description
Criteria
Harmonics
IEC/EN 61000-3-2
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
Emission Conducted
FCC 47 CFR Parts 15/CISPR 22/EN55022
Class A, 6dB margin
Emission Radiated
FCC 47 CFR Parts 15/CISPR 22/EN55022
Class A, 6dB margin
ESD
IEC/EN 61000-4-2
4kV contact discharge
8kV operational air discharge
15kV non-operational air discharge
Electromagnetic Field
IEC/EN 61000-4-3
Electrical Fast Transients/Burst
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
1kV/2kV, Performance Criteria B
RF Conducted Immunity
IEC/EN 61000-4-6
3 Vac, 80% AM, 1kHz, Performance Criteria A
Magnetic Immunity
IEC/EN 61000-4-8
3 A/m
Voltage dips, interruptions
IEC/EN 61000-4-11


Similar Part No. - C1U-W-1200-48-TB2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA2C MURATA-PS-C1U-W-1200-12-TA2C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
C1U-W-1200-12-TC1C MURATA-PS-C1U-W-1200-12-TC1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
C1U-W-1200-12-TC2C MURATA-PS-C1U-W-1200-12-TC2C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
More results

Similar Description - C1U-W-1200-48-TB2C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com