Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNL10-8C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NNL10-8C
Description  Non-Isolated DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NNL10-8C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NNL10-8C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NNL10-8C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NNL10-8C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NNL10-8C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NNL10-8C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NNL10-8C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NNL10-8C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NNL10-8C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KDC_NNL10C.D03 Page 3 of 8
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NNL10 Series
Non-Isolated DC/DC Converters
APPLICATION NOTES (continued)
Remote Sense
The remote sense function compensates for voltage drops from the output of the NNL10 to the
load point by regulating the output voltage at the load point. The voltage drop must not exceed
0.5V, although Trim and remote sense functions can be used in combination with each other, the
maximum voltage increase is 0.5V.
When increasing the output voltage the maximum output power of the NNL10 must not exceed
the maximum output figures stated in the selection guide.
Output Sequencing
To simplify output sequencing, the NNL10 series offers
an optional single wire interconnection that performs this
function. Using this connection, up to four devices can
be ‘daisy chained’ together, with the ‘DC OK’ signal from
one converter signifying that the next converter can be
enabled. A capacitor, simply connected to the daisy chain
link, provides a settable delay in the sequence of the
converters starting.
Typical capacitor values and corresponding delays are
shown in the table below.
Figure 3 shows a typical sequencing configuration, along
with the voltage outputs that it produces. As well as
reducing component count, making use of the ‘built-in’
sequencing capability means that only a single PCB track
is required for a full sequencing solution.
VIN
Capacitor
Delay
3.0VDC
0.22μF
1.8ms
5.5VDC
0.22μF
0.6ms
VIN
+VOUT
Common
LOAD
SENSE
NNL10
Fig.3
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak reflow solder temperature of 245ºC. The pin termination finish on this product
series is Matte Tin over Nickel Preplate. The series is backward compatible with Sn/Pb soldering systems. This series has a Moisture Sensitivity
Level (MSL) 2.
For further information, please visit www.murata-ps.com/rohs
ower of the NNL10 must
lection guide.
ing
seq
wire
con
geth
ng t
simply connected to the daisy chain
e delay in the sequence of the
NOT RECOMMEND
NOT RE
DED
NO
N
NOT R
RE
E
N
NO
ESIG
EW DESIGNS
FOR NEW
DESIGNS
OR NEW
DESIG
DESIG
GNS
EW DESIG
OR
RN
NEW D
series offer
t perform
Fi
del
Contact
us for
replacement
mode
nt model
del
nt mode
es can
th the ‘DC OK’ signal from
he next converter c
s for re
p
p
plllaaacccement
mod


Similar Part No. - NNL10-8C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL10-8 CANDD-NNL10-8 Datasheet
752Kb / 7P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-8C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com