Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMP_1300R Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part No. KMP_1300R
Description  Radial Lead Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

KMP_1300R Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KMP_1300RC_A01 Page 4 of 4
1300R Series
Radial Lead Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
PACKAGING DETAILS
Supplied in cartons (200 pieces per carton)
All dimensions in mm (inches). Package weight 2.4g Typ.
All dimensions in mm (inches)
682C
9.50 (0.374) Max.
43.0±3.5
(1.693±0.138)
0.65±0.1
(0.026±0.004)
47.0±3.5
(1.850±0.138)
13.5 (0.531)
Max.
5.0±0.5 (0.197±0.020)
Ø1.3±0.15 (0.051±0.006)


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
R0908-100-MBWRADIAL LEAD INDUCTORS 1 RCD COMPONENTS INC.
RS1014-102-KBWSHIELDED RADIAL LEAD INDUCTORS 1 RCD COMPONENTS INC.
KMP_1100RRadial Lead Inductors 1 2 3 Murata Manufacturing Co., Ltd.
D01-1000-00-XXRadial Lead Filter Inductors 1 ice Components, Ins.
L-61100Radial Lead Mini Inductors 1 Rhombus Industries Inc.
PT21701RADIAL LEAD INDUCTORS 1 2 Datatronic Distribution, Inc.
288PR-C Arc Suppressors ORANGE DROP® Radial Lead 1 2 3 Vishay Siliconix
167683J63A-FType 167/184 Metallized Polyester Radial Lead Capacitors 1 2 3 4 Cornell Dubilier Electronics
AIRH-03THRU-HOLE RADIAL POWER INDUCTORS 1 Abracon Corporation
168104J50A-FType 168/185 Metallized Polyester Radial Lead Capacitors 1 2 3 4 Cornell Dubilier Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn