Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNL10-15C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NNL10-15C
Description  Non-Isolated DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NNL10-15C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NNL10-15C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NNL10-15C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NNL10-15C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NNL10-15C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NNL10-15C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NNL10-15C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NNL10-15C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NNL10-15C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KDC_NNL10C.D03 Page 1 of 8
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NNL10 Series
Non-Isolated DC/DC Converters
For full details go to
www.murata-ps.com/rohs
 
FEATURES
RoHS compliant
Industry standard footprint
Short circuit protection
High efficiency
Under voltage lock out
Output voltage trimming
Operating temperature range -40ºC to 85ºC
SMD Construction
Optional DC OK signal
Options available without Trim and Remote
Sense Functionality
DESCRIPTION
The NNL10 series is part of a range of non-
isolated, cost effective DC/DC converters offering
high precision output voltages from a nominal
3.0-5.5V or 10.0-14.0V intermediate bus where
isolation is not required. The series has been
recognized by Underwriters Laboratory (UL) to
UL 60950, file number E179522 applies.
SELECTION GUIDE1
Order Code2
Nominal Input
Voltage
Output Voltage
Output Current
Max. Output
Power
Nominal
Efficiency
Min.Load
Full Load
V
V
A
A
W
% (Min.)
NNL10-1C
4.0
0.9
0
10
9
79.7
NNL10-2C
4.0
1.0
0
10
10
81.8
NNL10-3C
4.0
1.2
0
10
12
84.3
NNL10-4C
4.0
1.5
0
10
15
86.5
NNL10-5C
4.0
1.8
0
10
18
88.2
NNL10-6C
4.0
2.0
0
10
20
89.2
NNL10-7C
4.0
2.5
0
10
25
91.2
NNL10-8C
4.0
3.3
0
10
33
92.1
NNL10-9C
4.0
0.9
0
10
9
79.7
NNL10-10C
4.0
1.0
0
10
10
81.8
NNL10-11C
4.0
1.2
0
10
12
84.3
NNL10-12C
4.0
1.5
0
10
15
86.5
NNL10-13C
4.0
1.8
0
10
18
88.2
NNL10-14C
4.0
2.0
0
10
20
89.2
NNL10-15C
4.0
2.5
0
10
25
91.2
NNL10-16C
4.0
3.3
0
10
33
92.1
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
VNOM = 4.0VDC VOUT <2.75V
3.0
5.5
V
VNOM = 4.0VDC VOUT >3.0V
4.0
5.5
Under voltage lock out
Turn on threshold VNOM = 4.0VDC
2.8
V
Turn off threshold VNOM = 4.0VDC
2.7
Reflected ripple current
30
mA p-p
Input no load current
VIN = 5.5V VOUT = 0.9V
100
mA
VIN = 5.5V VOUT = 3.3V
140
Input standby current
VIN = 5.5V Module disabled
1.5
mA
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated current
TA = –40°C to 85°C
(see thermal performance characteristics)
10.0
A
Voltage set point accuracy
1.0
2.0
%
Line regulation
Low line to high line
0.5
1.0
%
Load regulation
0% load to 100% load
0.55
%
Ripple & noise
BW = DC to 20MHz
25
50
mVp-p
Voltage trim
-10
+10
%VOUT
Remote sense
0.5
V
Transient response
IOUT = 5.0A-10.0A-5.0A
Peak deviation
100
mV
COUT = 1μF//10μF
Settling time
70
μs
External load capacitance
10,000
μF
1. A 330μF low ESR capacitor, approx 17mΩ at 100kHz to 300kHz must be fitted at the input to the NNL DC/DC converter to ensure
stability under all the operating conditions.
2. If components are required in tape and reel format suffix order code with -R, e.g. NNL10-10C-R.
All specifications typical at TA =25°C, nominal input voltage and rated output current unless otherwise specified.
t
d fo
ecti
out
Min.
V
A
4.0
0
2C
NNL10-3C
0
1.5
4.0
NNL10-14C
NN
NOT RE
RECOMM
MENDED
RE
RE
RE
ED
E
ENDE
M
ED
E
OMM
MEND
M
REC
ECOMM
REC
EC
4.0
1.
4.0
1
NNL10-5
4
NNL10-6C
NN
FOR
FOR NEW
DE
ESIGNS
S
N
SIGN
E
NS
N
WDE
ESIGN
E
N
N
N
NEW DE
N
E
NE
N
4.
4.0
2
NNL10-8C
40
NNL10-9C
Contact
us
tu
Contac
rint
int
s for repla
acement
model
d
d
dl
d
sss
t mod
n
del
d
emen
a
nt m
n
repla
f
ace
a
for rep
f
3
0
0.9
4.0
NNL10-11C
NNL1


Similar Part No. - NNL10-15C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL10-15 CANDD-NNL10-15 Datasheet
752Kb / 7P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-15C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com