Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKA0309SC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NKA0309SC
Description  Isolated Sub-Miniature 1W Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NKA0309SC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NKA0309SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NKA0309SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NKA0309SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NKA0309SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KDC_NKAC.I02 Page 4 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NKA Series
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. The pin termination
finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate.
Both types in this series are backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (6 Pin SIP) : 20.67 (525mm ±2mm).
14 Pin DIP Tube
6 Pin SIP Tube
14 Pin DIP Package
6 Pin SIP Package
Ø0.1
0.1 (2.54)
0.1 (2.54)
6 HOLES
0.0453 (1.00)
0.0394 (1.15)
Ø
DIP Tube Quantity : 25
SIP Tube Quantity : 30
0.1 (2.54)
Ø0.1
0.1 (2.54)
5 HOLES
0.0453 (1.00)
0.0394 (1.15)
Ø


Similar Part No. - NKA0309SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA0303S CANDD-NKA0303S Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
NKA0305S CANDD-NKA0305S Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Murata Power Solutions ...
NKA0305SC MURATA-PS-NKA0305SC Datasheet
449Kb / 9P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
2022
More results

Similar Description - NKA0309SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
   Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
   1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
TKA TOPPOWER-TKA Datasheet
199Kb / 3P
   1W 3KV Isolated Miniature Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com