Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTL-IFB-485 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # DTL-IFB-485
Description  Interface Board for Serial-Input Electronic Loads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DTL-IFB-485 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DTL-IFB-485 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Hit Enter on the keyboard and the second “Auto Detect”
should immediately change to “9600 8-N-1” (see Figure 9).
Remove the jumpers and plug the connector back into the
DTL-IFB-485. It should now be operational. On exiting
HyperTerminal, it will prompt you to save this session and
you should respond - yes. In future when you select the
icon for this HyperTerminal configuration, it will
automatically start with the correct baud rate configured
and you will not have any further problem with auto detect.
Contact DATEL if any problems...a file 9600 Dumb.ht can
be provided that will contain the proper configuration setup.
8. The command syntax of the DTL-IFB-485 is very
specific and must be adhered to for satisfactory
operation. The microcontroller on board the DTL-IFB-485
has limited resources available for command parsing, so
it is up to the user to provide properly structured
command strings. All commands are case insensitive i.e.
a000_?r is the same as A000_?r or A000_?R. All
commands must be followed by a carriage return (ASCII
code 13) to execute. Refer to page 5 herein for the DTL-
IFB-485 command syntax to use when using the
HyperTerminal screen.
11
DTL-IFB-485 & “HyperTerminal”, cont'd
Utilizing WinBurn™ Active X Control
(DTLx485) with the DTL-IFB-485
Each shipment/lot of DTL-IFB-485 product receives an
installable WinBurn™ Active X component (DTLx485) on
3 1/2" diskettes. The control lets users provide simple
lines of code to send "behind the scenes" ASCII
commands to the DTL-IFB-485. The DTLx485 ActiveX
component speeds test and burn-in application
development, by letting users customize the user
graphical interface as needed. Utilizing higher-level,
graphical programming languages to control the ActiveX
component, allows engineers to then construct virtual
test and burn-in instrument programs with objects,
instead of lines of code.
The install program will request the second disk, and then prompt the
user to Finish the install and exit, or to Launch the Application (not
setup to do this presently in Beta version 1.01).
Installing WinBurn™ DTLx485
Insert the WinBurn™ DTLx485 disk, and click on the setup.exe file
in /Windows Explorer...or go to Start, then Run and type
A:\setup.exe (or find Setup.exe with the Browse command).
Most users will choose the "Typical" setup option. This installs all
the required system files with the actual application. The Compact
Setup option doesn't install certain system files with the application,
on the assumption that these files probably pre-exist in the users
Windows\system directory already (example: an application
running on a desktop, that has Visual Basic installed). This
provides avoids duplicating certain files, keeping the overall
application file as small as possible. Users who experience
problems in using a Compact Setup Install, should reinstall using
the Typical Setup option. The Custom option essentially allows the
user to pick from either the Typical (default) or Compact options.
Figure 11. DTLx485 ActiveX Control
Figure 12. Setup Screen Options
Figure 13. DTLx485 ActiveX Control Custom Setup Screen
InterfaceBoar d
f or
Serial-Input
Electr onic
Loads
DTL-IFB-485


Similar Part No. - DTL-IFB-485

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-503 CONTRINEX-DTL-C55PA-TMS-119-503 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-407-505 CONTRINEX-DTL-C55PA-TMS-407-505 Datasheet
375Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
logo
ETA-USA
DTL-SX-W ETA-USA-DTL-SX-W Datasheet
404Kb / 2P
   50W AC Input : IEC 320-C14 Inle
More results

Similar Description - DTL-IFB-485

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DTL2A MURATA-DTL2A Datasheet
162Kb / 5P
   100 Watt, Digitally Programmable Serial-Input, Electronic Loads
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
   On-Board Electronic Loads
319-100635; Rev 0; 11/20
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
Panasonic Semiconductor
ET-MDNHM10 PANASONIC-ET-MDNHM10 Datasheet
183Kb / 1P
   Interface Board for HDMI 2 input
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
   DC Electronic Loads 8500 series
logo
Silicon Laboratories
SI3000SSI-EVB SILABS-SI3000SSI-EVB Datasheet
594Kb / 21P
   EVALUATION BOARD FOR THE SI3000 WITH THE STANDARD SERIAL INTERFACE
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
   DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com