Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC174PW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AHC174PW
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC174PW Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC174PW Datasheet HTML 1Page - Texas Instruments SN74AHC174PW Datasheet HTML 2Page - Texas Instruments SN74AHC174PW Datasheet HTML 3Page - Texas Instruments SN74AHC174PW Datasheet HTML 4Page - Texas Instruments SN74AHC174PW Datasheet HTML 5Page - Texas Instruments SN74AHC174PW Datasheet HTML 6Page - Texas Instruments SN74AHC174PW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54AHC174, SN74AHC174
HEX D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS425E – JUNE 1998 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC174
SN74AHC174
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
95*
170*
80*
80
MHz
fmax
CL = 50 pF
55
130
50
50
MHz
tPHL
CLR
Any Q
CL = 15 pF
4.5*
11.4*
1*
13.5*
1
13.5
ns
tPLH
CLK
Any Q
CL =15 pF
5.8*
11*
1*
13*
1
13
ns
tPHL
CLK
Any Q
CL = 15 pF
5.8*
11*
1*
13*
1
13
ns
tPHL
CLR
Any Q
CL = 50 pF
6
14.9
1
17
1
17
ns
tPLH
CLK
Any Q
CL =50 pF
7.5
14.5
1
16.5
1
16.5
ns
tPHL
CLK
Any Q
CL = 50 pF
7.5
14.5
1
16.5
1
16.5
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC174
SN74AHC174
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
130*
240*
110*
110
MHz
fmax
CL = 50 pF
90
180
80
80
MHz
tPHL
CLR
Any Q
CL = 15 pF
3*
7.6*
1*
9*
1
9
ns
tPLH
CLK
Any Q
CL =15 pF
4.1*
7.2*
1*
8.5*
1
8.5
ns
tPHL
CLK
Any Q
CL = 15 pF
4.1*
7.2*
1*
8.5*
1
8.5
ns
tPHL
CLR
Any Q
CL = 50 pF
4.2
9.6
1
11
1
11
ns
tPLH
CLK
Any Q
CL =50 pF
5.5
9.2
1
10.5
1
10.5
ns
tPHL
CLK
Any Q
CL = 50 pF
5.5
9.2
1
10.5
1
10.5
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
15.2
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC174PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC174PWR TI-SN74AHC174PWR Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHC174PWRE4 TI-SN74AHC174PWRE4 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHC174PWRG4 TI-SN74AHC174PWRG4 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74AHC174PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
   Hex D-type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com