Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-78XXSR Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # DMS-78XXSR
Description  3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-78XXSR Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  DMS-78XXSR Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-78XXSR Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-78XXSR Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-78XXSR Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMS-78XXSR Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMS-78XXSR Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MDC_78xxSR Series.B03 Page 6 of 6
78xxSR Series
3.3V/5V/12V Outputs High-Efficiency
Switching Regulators with LM78xx Pinouts
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
03/30/09
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES:
2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
PC-Board Hole:
0.037 - 0.043
(0.94 - 1.09) Dia.
Pins: 0.025 (0.64) sq.
0.100 (2.54)
centers
Horizontal Package
(H Pin Option)
0.15
(3.8) min.
0.37
(9.3) max.
L1
123
0.07
(1.8)
0.75
(19.1)
0.41
(10.4)
PC-Board Hole:
0.037 - 0.043
(0.94 - 1.09) Dia.
0.23
(5.7)
Pins: 0.025 (0.64) sq.
0.100 (2.54)
centers
0.15
(3.8) Min.
0.19
(4.8)
123
L1
Standard Package
NEW
low-profile package


Similar Part No. - DMS-78XXSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-78XXSR ETC-DMS-78XXSR Datasheet
368Kb / 5P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78XX Pinouts
More results

Similar Description - DMS-78XXSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78SR ETC-78SR Datasheet
368Kb / 5P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78XX Pinouts
logo
Murata Power Solutions ...
7803SR-C MURATA-PS-7803SR-C Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
78SR-3.3 MURATA1-78SR-3.3 Datasheet
418Kb / 6P
   2 Amp, 3.3V, 5.0V, & 5.2V Output, High Effi ciency, Synchronous Switching Regulators
logo
Linear Technology
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
   Effi ciency to 93%
logo
Linear Technology
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com