Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AHC32 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54AHC32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54AHC32 Datasheet(HTML) 16 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN5432QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LVC32AQUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54HC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54AHCT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54F32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 Texas Instruments
SN54AC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
74ACT11032QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 Texas Instruments
SN54LV32AQUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn