Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR250AS36 Datasheet(PDF) 3 Page - XP Power Limited

Part # SDR250AS36
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDR250AS36 Datasheet(HTML) 3 Page - XP Power Limited

  SDR250AS36 Datasheet HTML 1Page - XP Power Limited SDR250AS36 Datasheet HTML 2Page - XP Power Limited SDR250AS36 Datasheet HTML 3Page - XP Power Limited SDR250AS36 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDR
Mechanical Details
Output
Voltage
Forced Air Cooled
Convection-cooled
Peak
Current(2)
Ripple & Noise
Pk-Pk(3)
Model
Number(1,4,5,6)
Output Power
Output Current
Output Power
Output Current
5 V
200 W
40.00 A
100 W
20.00 A
120.00 A
50 mV
SDR250AS05
9 V
225 W
25.00 A
121 W
13.50 A
66.67 A
90 mV
SDR250AS09
12 V
250 W
20.83 A
135 W
11.23 A
50.00 A
120 mV
SDR250AS12
15 V
250 W
16.70 A
135 W
9.00 A
40.00 A
150 mV
SDR250AS15
18 V
250 W
13.89 A
135 W
7.50 A
33.30 A
180 mV
SDR250AS18
24 V
250 W
10.42 A
135 W
5.63 A
25.00 A
240 mV
SDR250AS24
28 V
250 W
9.93 A
135 W
4.82 A
21.43 A
330 mV
SDR250AS28
36 V
250 W
6.94 A
135 W
3.75 A
16.67 A
360 mV
SDR250AS36
48 V
250 W
5.21 A
135 W
2.81 A
12.30 A
480 mV
SDR250AS48
54 V
250 W
4.63 A
135 W
2.50 A
11.10 A
540 mV
SDR250AS54
60 V
250 W
4.17 A
135 W
2.25 A
10.00 A
600 mV
SDR250AS60
Output
Voltage
Forced Air Cooled
Convection-cooled
Peak
Current(2)
Ripple & Noise
Pk-Pk(3)
Model
Number(1,4,5,6,7)
Output Power
Output Current
Output Power
Output Current
V1 :
+3.3 V
200 W
24 A
100 W
12 A
28.8 A
50 mV
SDR250AD0312
V2 : +12.0 V
12 A
7 A
14.4 A
120 mV
V1 :
+3.3 V
200 W
24 A
100 W
12 A
28.8 A
50 mV
SDR250AD0324
V2 : +24.0 V
6 A
4 A
7.2 A
240 mV
V1 :
+5.0 V
200 W
24 A
100 W
12 A
28.8 A
50 mV
SDR250AD0512
V2 : +12.0 V
12 A
7 A
14.4 A
120 mV
V1 :
+5.0 V
200 W
24 A
100 W
12 A
28.8 A
50 mV
SDR250AD0524
V2 : +24.0 V
6 A
4 A
7.2 A
240 mV
V1 :
+5.0 V
200 W
24 A
100 W
12 A
28.8 A
50 mV
SDR250AD0548
V2 : +48.0 V
3 A
2 A
3.6 A
480 mV
V1 : +12.0 V
250 W
12 A
135 W
7 A
14.4 A
120 mV
SDR250AD1224
V2 : +24.0 V
6 A
4 A
7.2 A
240 mV
0.25 (6.35)
2.00 (50.80)
0.25 (6.35)
A
A
A
0.75 (19.05)
A Mounting hole 7 places
M3 x 0.5 (Brass)
1.50 (38.10)
0.55 (13.90)
2.70 (68.58)
1.75 (44.52)
A
A
A
A
LED1
FAN
RETURN
REMOTE ON/OFF
POWER GOOD
CN2
CN1
CN3
FG
NEUTRAL
LINE
Molex Part No. 09-91-0500 or
equivalent (5 Pin, 3 Used)
OPTION ‘E’
Terminal Block
M3 Screw
3 Pins 0.25 (6.35) Centre
5.00 (127.00)
1.50 (38.10)
Single Output Models
Single Output Models
Terminal Block
M3 Screw 4 Pins
0.25 (6.35) Centre
OPTION ‘D’
Dual Output Models
Terminal Block
M4 Screw 3 Pins
0.33 (8.35) Centre
CN2
Dual Output Models
V2
RTN
V1
RTN
V1
RTN
V1
(5 V & 9 V Models Only Available With Screw Terminals)
Mechanical Details
All dimensions are in inches (mm).
Weight: 400 g (0.88 lbs)
U-Channel
Notes
1. Add suffix ‘L’ to model number for optional 500 µA leakage current.
2. Peak load can be taken for 500 µs. Average power not to exceed max power.
3. Ripple & noise is measured using a 0.1 µF ceramic capacitor in parallel with
22 µF electrolytic and 20 MHz bandwidth.
4. For optional vented cover add suffix ‘-C’ to model number.
5. Add suffix ‘D’ for optional output terminal block except the 5 V and 9 V output
models which are only available with output terminal blocks.
6. Add suffix ‘E’ for optional input terminal block.
7. Operating temperature - 0 ºC to +60 ºC, derate at 5%/ ºC from 50 ºC to 60 ºC
for convection cooled dual output models.
Signal connector CN1 mates with JST XHP-3 or equivalent & crimp terminals SXH-002-P0.6.
Fan connector mates with JST XHP-2 or equivalent & crimp terminals.
Input: Molex No. 09-91-0500, crimp terminals Molex series 6838.
Output: Molex No. 09-91-0600 for 12 V to 60 V single output models, 09-91-0800 for dual output models, crimp terminals Molex series 6838.
Terminal block for 5 V to 9 V single output models.


Similar Part No. - SDR250AS36

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBT SSDI-SDR2030UFBT Datasheet
107Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts
SDR2030UFBT SSDI-SDR2030UFBT Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBTR SSDI-SDR2030UFBTR Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBTRS SSDI-SDR2030UFBTRS Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
More results

Similar Description - SDR250AS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com