Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM400PD22-C Datasheet(PDF) 4 Page - XP Power Limited

Part # SMM400PD22-C
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMM400PD22-C Datasheet(HTML) 4 Page - XP Power Limited

  SMM400PD22-C Datasheet HTML 1Page - XP Power Limited SMM400PD22-C Datasheet HTML 2Page - XP Power Limited SMM400PD22-C Datasheet HTML 3Page - XP Power Limited SMM400PD22-C Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
18-Dec-07
CL
CD
CD
Supply
Supply 1
CN3 Pin 1
CN3 Pin 4, control connector
PG
+5 V
1 K
CN3 Pin 2
Output
Output
V1
Comm
Return
CN3 Pin 7 Current Share
Output
Sense
Sense
LOAD
Twisted Pair
+
+
-
+
-
-
Supply 2
LOAD
Output
Return
CN3 Pin 7 Current Share
POWER NOT GOOD
POWER GOOD
AC FAIL
AC GOOD
ON/OFF
CN3 Pin 3, control connector
PSU
Return
CN3 Pin 6, control connector (single output)
CN3 Pin 5, control connector (dual output)
Return
CN3 Pin 6, control connector
PSU
CMN
CN3 Pin 8, control connector
CN3 Pin 6, control connector (single output)
CN3 Pin 5, control connector (dual output)
Return
C
CN3 Pin 5, control connector
AC Fail
+12 V
5 V
1 K
CN3 Pin 6, control connector
Return
Application Notes
SMM
Remote Sense
Optional AC Fail
Note:
1. CL is 47 µF electrolytic capacitor.
2. CD is 0.1 µF ceramic capacitor.
Remote On/Off
Current Monitor
Note:
1. Applying <0.3 V or short between
pins 5(6) and 3 turns the output OFF.
2. Applying >4.5 V or open circuit between
pins 5(6) and 3 turns output ON.
Note:
1. 0.5 V to 3.0 V represents 0% to 100% full load.
Parallel Connection with Current Share Option
Single Output Only
Single Output Only
Single Output Only
Power Good
Sink current = 5 mA
Source current = 1 mA
Sink current = 250 mA
Source current = 7 mA
Note: Current share option includes internal blocking diodes.


Similar Part No. - SMM400PD22-C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
   SMPS Stacked MLC Capacitors (SMM Style) Extended Range
logo
Summit Microelectronics...
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465FCR00 SUMMIT-SMM465FCR00 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465FCR01 SUMMIT-SMM465FCR01 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465FCR02 SUMMIT-SMM465FCR02 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
More results

Similar Description - SMM400PD22-C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com