Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS150PS15B Datasheet(PDF) 2 Page - XP Power Limited

Part # SDS150PS15B
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDS150PS15B Datasheet(HTML) 2 Page - XP Power Limited

  SDS150PS15B Datasheet HTML 1Page - XP Power Limited SDS150PS15B Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22-Jun-07
1.18 (30.0)
2.57 (65.3)
3.21 (81.5)
1.18 (30.0)
Pitch = 3.96 mm
0.54 (13.6)
0.67 (16.9)
M3* P0.5 (Mounting Holes) x 4
PFD
M3* P0.5 (Mounting Holes) x 5
Input
AC
P2
P1
DC Output
13
1
G N
L
ADJ
ø4.0 (Mounting Holes) x 4
1.40 (35.6)
4.55 (115.6)
5.00 (127.0)
0.22 (5.7)
0.12 (3.0)
0.80 (20.3)
1.21 (30.7)
0.80 (20.3)
1.57 (40.0)
M3 x P0.5 (Mounting Holes) x 4
Pitch = 3.96 mm
PFD
AC
Input
P2
P1
DC
Output
1
P2
P1
G
N
L
13
SDS150
Mechanical Details
P2 - PIN CONNECTIONS
Pin
Function
Pin
Function
1
V1
7
Return
2
V1
8
Return
3
V1
9
Return
4
V1
10
Return
5
V1
11
Return
6
V1
12
Return
13
PFD(2)
Models and Ratings
Maximum
Output Power
Output
Voltage
Output Current
Total
Regulation
(1)
Model Number
(2,4,5,6)
Minimum
Maximum
144 W
9 V
0 A
16.00 A
5%
SDS150PS09B†^
150 W
12 V
0 A
12.50 A
5%
SDS150PS12B†^
150 W
15 V
0 A
10.00 A
5%
SDS150PS15B†^
150 W
18 V
0 A
8.33 A
4%
SDS150PS18B†^
150 W
24 V
0 A
6.25 A
3%
SDS150PS24B†^
150 W
30 V
0 A
5.00 A
2%
SDS150PS30B
150 W
36 V
0 A
4.17 A
2%
SDS150PS36B
150 W
48 V
0 A
3.13 A
2%
SDS150PS48B†^
Notes
Open Frame
U Channel
1. Total regulation includes initial set accuracy, line regulation and load regulation.
2. For optional 2 pin Molex input, add suffix ‘-D’ to model number. Example SDS150PS12-D.
3. For non-standard voltages contact sales office.
4. For optional Power Fail Detect signal (PFD), add suffix ‘-P’ to model number . Example: SDS150PS48B-P.
5. For optional PCB only version, delete suffix ‘B’ from model number. Example SDS150PS48.
6. For optional low temperature operation, add suffix ‘-L’ to model number. Example: SDS150PS12-L
Notes:
1. Dimensions in inches (mm), tolerance ±0.02 (±0.5).
2. Optional Power Fail Detect signal on ‘P’ versions only. Standard
models have no connection for pin 13.
3. Input connector P1 mates with Molex housing 09-50-3051 and
Molex 2478 series crimp terminal.
4. Output connector P2 mates with Molex housing 09-50-3131 and
Molex 2478 series crimp terminal.
5. For mating connector kit order part number SDS120 CON KIT.
6. For cable harness order part number SDS120S LOOM.
7. DIN clips are available for alternate mounting order 2 x ‘DIN CLIP’.
8. For optional cover kit order part number SDS150 COVER.
To receive unit with cover fitted add suffix ‘-C’ to model number.
Height increases by 0.18 (4.5).
PFD is +5 V for normal operation.
Source current is 5 mA max.
PFD is <0.4 V for either
AC Fail (<90 VAC) or
DC Fail (<95% Vnom).
Sink current is 10 mA max.
All dimensions are in inches (mm)
Tolerance: ±0.02 (±0.5)
Weight: 1.23 lbs (560 g) approx.
+5 V
Pin 13
Internal
Power Fail Detect
Available from Farnell. See pages 204-206.
^ Available from Newark. See pages 207-208.


Similar Part No. - SDS150PS15B

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDS152A AUK-SDS152A Datasheet
268Kb / 4P
   Switching Diode
logo
KODENSHI_AUK CORP.
SDS152A KODENSHI-SDS152A Datasheet
308Kb / 5P
   Small Signal Fast Switching Diode
logo
AUK corp
SDS152AF AUK-SDS152AF Datasheet
105Kb / 3P
   Switching Diode
SDS152AF AUK-SDS152AF Datasheet
266Kb / 4P
   Switching Diode
logo
KODENSHI_AUK CORP.
SDS152AF KODENSHI-SDS152AF Datasheet
259Kb / 5P
   Small Signal Fast Switching Diode
More results

Similar Description - SDS150PS15B

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com