Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-25-27 Datasheet(PDF) 6 Page - XP Power Limited

Part # PS-25-27
Description  25W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PS-25-27 Datasheet(HTML) 6 Page - XP Power Limited

  PS-25-27 Datasheet HTML 1Page - XP Power Limited PS-25-27 Datasheet HTML 2Page - XP Power Limited PS-25-27 Datasheet HTML 3Page - XP Power Limited PS-25-27 Datasheet HTML 4Page - XP Power Limited PS-25-27 Datasheet HTML 5Page - XP Power Limited PS-25-27 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FileName:PS-65-SPEC 2007-03-14
Unit:mm
fosc:65KHz
DCOutputConnector(CN2):Molex5273-06orequivalent
PinNo.
1,2,3
4,5,6
Assignment
+V
-V
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
BlockDiagram
MechanicalSpecification
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
OTHERS
3.3V,5V
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
85
70
60
50
40
DeratingCurve
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
CN2
4
3
2
1
M1
M2
ACFUSE
F4A/250V
-V
FG
I/P
CIRCUIT
CONTROL
O.L.P.
PWM
O.V.P.
SWITCH-
RECTIFIERS
FILTER
EMI
FILTER
&
POWER
ING
DETECTION
RECTIFIERS
FILTER
&
+V
65WSingleOutputSwitchingPowerSupply
P S - 6 5 series


Similar Part No. - PS-25-27

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PS-25-27 TOTAL-POWER-PS-25-27 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-25-27 ASTRODYNE-PS-25-27 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25-27 MEANWELL-PS-25-27 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-27 XPPOWER-PS-25-27 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-25-27 RSG-PS-25-27 Datasheet
204Kb / 2P
   25W Single Output Switching Power Supply
More results

Similar Description - PS-25-27

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com