Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBM25US15 Datasheet(PDF) 2 Page - XP Power Limited

Part # PBM25US15
Description  AC-DC Medical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PBM25US15 Datasheet(HTML) 2 Page - XP Power Limited

  PBM25US15 Datasheet HTML 1Page - XP Power Limited PBM25US15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1. Ripple and noise measured with 20 MHz bandwidth with 10 µF electrolytic in parallel with 0.1 µF ceramic.
2. Regulation includes line and load regulation and set point accuracy. All multiple output models may be operated at no-load,
but output regulation will increase to 10% on outputs V2 & V3.
*
Also available from Farnell InOne, see pages 350 & 351.
Notes
Output Power
Output 1
Output 2
Output 3
Model
Maximum
Vnom
Imin
Imax
Reg.(2)
Vnom
Imin
Imax
Reg.(2)
Vnom
Imin
Imax
Reg.(2)
Number
28 W
5.1 V
0.0 A
5.5 A
2%
PBM25US05
28 W
12.0 V
0.0 A
2.3 A
1%
PBM25US12*
28 W
15.0 V
0.0 A
1.9 A
1%
PBM25US15*
28 W
24.0 V
0.0 A
1.2 A
1%
PBM25US24*
28 W
28.0 V
0.0 A
1.0 A
1%
PBM25US28*
25 W
5.1 V
0.4 A
2.5 A
3%
+12 V
0.2 A
1.5 A
5%
PBM25UD01*
25 W
5.1 V
0.4 A
2.5 A
3%
+24 V
0.1 A
0.8 A
5%
PBM25UD02*
25 W
5.1 V
0.4 A
2.5 A
3%
+12 V
0.2 A
1.5 A
5%
-12 V
0.05 A
0.2 A
4%
PBM25UT01*
25 W
5.1 V
0.4 A
2.5 A
3%
+15 V
0.1 A
1.0 A
5%
-15 V
0.05 A
0.2 A
4%
PBM25UT02*
25 W
5.1 V
0.4 A
2.5 A
3%
+24 V
0.1 A
0.8 A
5%
-12 V
0.05 A
0.2 A
4%
PBM25UT03*
OUTPUT VOLTAGE & CURRENT RATINGS
PBM25
PIN CONNECTIONS
Pin
Function
1
Return
2
Return
3
Output 1
4
Output 1
www.xp-medical.com
sales@xp-medical.com
Notes:
1. Dimensions shown in inches (mm).
2. Tolerance 0.03 (0.76) maximum.
3. Input connector P1 mates with Molex housing
09-50-3031 and Molex 2878 series crimp terminal.
4. Output connector P2 mates with Molex housing
09-50-3061 and Molex 2878 series crimp terminal.
5. Weight 175 g.
6. Covers available, order part number PBM25 COVER*,
or add suffix ‘-C’ to have cover fitted (78.8 x 120.0 x 34.8 mm).
7. Mating connector kit available, order part number
PBM25 CONKT-D/T*.
PIN CONNECTIONS
Pin
Dual Output
Triple Output
1
Output 2
Output 2
2
Output 1
Output 1
3
Output 1
Output 1
4
Common Return Common Return
5
Common Return Common Return
6
No Connection
Output 3
Mechanical Details - Multi Output Models
Notes:
1. Dimensions shown in inches (mm).
2. Tolerance 0.03 (0.76) maximum.
3. Input connector P1 mates with Molex housing
09-50-3031 and Molex 2878 series crimp terminal.
4. Output connector P2 mates with Molex housing
09-50-3041 and Molex 2878 series crimp terminal.
5. Weight 163 g.
6. Covers available, order part number PBM25 COVER*,
or add suffix ‘-C’ to have cover fitted (78.8 x 12.0 x 34.8 mm).
7. Mating connector kit available, order part number
PBM25 CONKT-S*.
Mechanical Details - Single Output Models
Rev 3.1


Similar Part No. - PBM25US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM200 XPPOWER-PBM200 Datasheet
154Kb / 2P
   200 Watts PBM200 Series
PBM200PD01-C XPPOWER-PBM200PD01-C Datasheet
182Kb / 2P
   AC-DC Power Supplies
PBM200PD01-C XPPOWER-PBM200PD01-C Datasheet
154Kb / 2P
   200 Watts PBM200 Series
PBM200PD02-C XPPOWER-PBM200PD02-C Datasheet
182Kb / 2P
   AC-DC Power Supplies
PBM200PD02-C XPPOWER-PBM200PD02-C Datasheet
154Kb / 2P
   200 Watts PBM200 Series
More results

Similar Description - PBM25US15

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MSC-E1 ARCH-MSC-E1_12 Datasheet
239Kb / 3P
   AC-DC Medical
MTC-E1 ARCH-MTC-E1_12 Datasheet
235Kb / 3P
   AC-DC Medical
MTC ARCH-MTC Datasheet
544Kb / 6P
   AC-DC Medical
AEC60 ARCH-AEC60 Datasheet
153Kb / 2P
   AC-DC Medical
MSC ARCH-MSC Datasheet
503Kb / 6P
   AC-DC Medical
MSC-E1 ARCH-MSC-E1 Datasheet
503Kb / 6P
   AC-DC Medical
MTC-E1 ARCH-MTC-E1 Datasheet
546Kb / 6P
   AC-DC Medical
logo
Delta Electronics, Inc.
MDS-030AAC DELTA-MDS-030AAC Datasheet
1Mb / 9P
   Medical AC-DC Adapter
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com