Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBA50F-36 Datasheet(PDF) 1 Page - XP Power Limited

Part # PBA50F-36
Description  AC-DC Chassis Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PBA50F-36 Datasheet(HTML) 1 Page - XP Power Limited

  PBA50F-36 Datasheet HTML 1Page - XP Power Limited PBA50F-36 Datasheet HTML 2Page - XP Power Limited PBA50F-36 Datasheet HTML 3Page - XP Power Limited PBA50F-36 Datasheet HTML 4Page - XP Power Limited PBA50F-36 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Universal PFC Input
Convection Cooled
Low Profile <1U
Adjustable Output Voltage
Optional Remote On/Off
Optional Din Rail Mount
High Efficiency
Input
Input Voltage
85-264 VAC (120-370 VDC)
50 VAC (70 VDC) (Optional, contact
sales)
Input Frequency
47-63 Hz
Input Current
2/1 A max at 115/230 VAC
Inrush Current
20/40 A max at 115/230 VAC
Power Factor
EN61000-3-2 compliant
Leakage Current
0.75 mA max, optional 0.15 mA - add
suffix “-G” to model numbers
Output
Output Voltage
3.3 VDC to 48 VDC
Output Voltage
+10/-15%
Adjustment
Output Voltage
±3% Vnom
Set Point
Minimum Load
No minimum load required
Start-Up Time
350 ms typical
Drift
±0.6% max
Line Regulation
±1% max
Load Regulation
±2% max
Hold-up Time
15 ms typical
Output Ripple & Noise •
1% of Vn pk-pk
Overvoltage
operates at 120-140% of Vnom
Protection
Overload Protection
Operates at 105% of rated current,
autorecovery
Remote ON/OFF
Optional. Add suffix “-R” to model
number
General
Efficiency
85% typical
Isolation
3000 VAC Input to Output
2000 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency •
60-550 kHz PFC, 130kHz PWM
Indications
Green LED for unit operating
Environmental
Operating
-10 °C to +70 °C, see derating curve
Temperature
Storage
-20 °C to +75 °C
Temperature
Relative Humidity
20-90% non-condensing
Shock
20 G 11 ms,once each x, y and z axis
Vibration
2 G 10-55Hz for 3 min periods for
60 min along each x, y and z axis
EMC & Safety
Emissions
EN55022 Level B conducted
EN55022 Level B radiated
ESD
EN61000-4-2 Level 4
Susceptibility
Radiated
EN61000-4-3 Level 3
Susceptibility
EFT/Burst
EN61000-4-4 Level 4
Surge
EN61000-4-5 Level 3 line to line
EN61000-4-5 Level 4 line to earth
Voltage dips and
EN61000-4-11
interruptions
Safety Approvals
UL60950, CSA 60950
EN60950, EN50178
50-150 Watts
PBA Series
AC-DC Chassis Mount
Specification
T H E X P E R T S I N P O W E R
www.xpplc.com
sales@xpplc.com


Similar Part No. - PBA50F-36

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PBA50F-36 RSG-PBA50F-36 Datasheet
144Kb / 2P
   Unit type
More results

Similar Description - PBA50F-36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CPK600PS24 XPPOWER-CPK600PS24 Datasheet
829Kb / 4P
   AC-DC Chassis Mount
CPB600PS3V3 XPPOWER-CPB600PS3V3 Datasheet
366Kb / 2P
   AC-DC Chassis Mount
logo
Total Power Internation...
TPAS10G TOTAL-POWER-TPAS10G_17 Datasheet
199Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com