Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCF0051500S0-XC Datasheet(PDF) 23 Page - Murata Power Solutions Inc.

Part # NCF0051500S0-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCF0051500S0-XC Datasheet(HTML) 23 Page - Murata Power Solutions Inc.

Back Button NCF0051500S0-XC Datasheet HTML 17Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 18Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 19Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 20Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 21Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 22Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 23Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 24Page - Murata Power Solutions Inc. NCF0051500S0-XC Datasheet HTML 25Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Volant NEA005 Series
Non-Isolated 5A SIP/SMT
DC/DC Converters
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
CDC_Volant NEA005 Series.B03 Page 23 of 25
4118 14th Avenue, Unit 4
Markham, Ontario L3R 0J3
1-866-740-1232
Page 24
NEA005_6200870000_A02_25Jun07
Volant NEA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cd4power.com
Mechanical and pinning Information.
Given below is the outline drawing showing physical dimensions of the SIP & SMT package.
The external dimensions for SMT package are 20.3mm x 11.43mm x 6.09mm.
PAD SIZE
MIN : 0.120" x 0.095 "
MAX : 0.135" x 0.110 "
Dimensions are in Inches ( millimetes )
Recommended Pad Layout
0.340
0.180
0.160
0.160
0.190
0.350
0.690
0.05
VOUT
TRIM
GND
VIN
ON/OFF
(4.57)
(4.06)
(4.06)
(4.83)
0.06
(1.5)
(1.3)
(17.53)
(8.89)
0.010
(0.25)
(8.64)
Dimensions are in Inches (millimeters)
Tolerances :x.xx = ±0.02in.( x.x = ±0.5mm) , unless otherwise noted
BOTTOM VIEW OF BOARD
0.80
0.340
0.450
0.05
0.180
0.35
0.062
0.090
0.160
0.160
0.190
0.062
0.24
x.xxx = ±0.010in. ( x.xx = ±0.25mm)
Surface Mount Contact 5 Places
GND
TRIM
VOUT
ON/OFF
VIN
(4.83)
(4.06)
(4.06)
(4.06)
(20.3)
(2.29)
(1.57)
(8.9)
(8.64)
(11.43)
(1.5)
(1.3)
0.06
(1.57)
(6.09)
4118 14th Avenue, Unit 4
Markham, Ontario L3R 0J3
1-866-740-1232
Page 24
NEA005_6200870000_A02_25Jun07
Volant NEA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cd4power.com
Mechanical and pinning Information.
Given below is the outline drawing showing physical dimensions of the SIP & SMT package.
The external dimensions for SMT package are 20.3mm x 11.43mm x 6.09mm.
PAD SIZE
MIN : 0.120" x 0.095 "
MAX : 0.135" x 0.110 "
Dimensions are in Inches ( millimetes )
Recommended Pad Layout
0.340
0.180
0.160
0.160
0.190
0.350
0.690
0.05
VOUT
TRIM
GND
VIN
ON/OFF
(4.57)
(4.06)
(4.06)
(4.83)
0.06
(1.5)
(1.3)
(17.53)
(8.89)
0.010
(0.25)
(8.64)
Dimensions are in Inches (millimeters)
Tolerances :x.xx = ±0.02in.( x.x = ±0.5mm) , unless otherwise noted
BOTTOM VIEW OF BOARD
0.80
0.340
0.450
0.05
0.180
0.35
0.062
0.090
0.160
0.160
0.190
0.062
0.24
x.xxx = ±0.010in. ( x.xx = ±0.25mm)
Surface Mount Contact 5 Places
GND
TRIM
VOUT
ON/OFF
VIN
(4.83)
(4.06)
(4.06)
(4.06)
(20.3)
(2.29)
(1.57)
(8.9)
(8.64)
(11.43)
(1.5)
(1.3)
0.06
(1.57)
(6.09)
Mechanical and Pinning Information
Given below is the outline drawing showing physical dimensions of the SIP & SMT package.
The external dimensions for SMT package are 0.8" x 0.45" x 0.24" (20.3mm x 11.43mm x 6.09mm).
Recommended Pad Layout


Similar Part No. - NCF0051500S0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCF0051330B0-XC MURATA-PS-NCF0051330B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051330BP-XC MURATA-PS-NCF0051330BP-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051330S0-XC MURATA-PS-NCF0051330S0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051330SP-XC MURATA-PS-NCF0051330SP-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051331B0-XC MURATA-PS-NCF0051331B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NCF0051500S0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com