Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCF0051331SP-XC Datasheet(PDF) 22 Page - Murata Power Solutions Inc.

Part No. NCF0051331SP-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCF0051331SP-XC Datasheet(HTML) 22 Page - Murata Power Solutions Inc.

Back Button NCF0051331SP-XC Datasheet HTML 15Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 16Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 17Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 18Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 19Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 20Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 21Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 22Page - Murata Power Solutions Inc. NCF0051331SP-XC Datasheet HTML 23Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Murata Power Solutions
22
NCA005_6200830000.B01
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
Whereas, the external dimensions of the SIP version are 22.9mm x 10.16mm x 5.6mm.
Safety Considerations
Ordering Information
Part Number
Vin
Vout
Iout
Enable Logic
Pin Length
NCA0051330B0C
3.0V - 5.5V
0.75V – 3.6V
5A
Negative
0.139"
NCA0051330S0C
3.0V - 5.5V
0.75V – 3.6V
5A
Negative
SMT
NCA0051331B0C
3.0V - 5.5V
0.75V – 3.6V
5A
Positive
0.139"
NCA0051331S0C
3.0V - 5.5V
0.75V – 3.6V
5A
Positive
SMT
PIN CONNECTION
FUNCTION
+Output
Trim
Common
+V Input
On/Off
Pin
1
2
3
4
5
All Dimmension In Inches(mm)
Tolerance : .XX =
± 0.02 ( ± 0.5 )
.XXX = ± 0.010 ( ± 0.25 )
12 3
4 5
LAYOUT PATTERN
TOP VIEW
0.90(22.9)
0.400(10.16)
0.100(2.54)
0.700(17.78)
0.200(5.08)
0.14(3.6)
0.025(0.64)
0.24(6.1)
0.20(5.1)
SIZE SIP05
1.1mm PLATED THROUGH HOLE
1.6mm PAD SIZE
0.025(0.64)
0.800(20.32)
0.22(5.6)Max.
0.19(4.7)
The NCA series of converters are certified to IEC/EN/CSA/UL 60950. If this product is built into information technology
equipment, the installation must comply with the above standard.
An external input fuse of less than 50 Amps (5A to 30A recommended), must be used to meet the above requirements.
The output of the converter [Vo(+)/Vo(-)] is considered to remain within SELV limits when the input to the converter
meets SELV or TNV-2 requirements.
The converters and materials meet UL 94V-0 flammability ratings.


Similar Part No. - NCF0051331SP-XC

ManufacturerPart No.DatasheetDescription
Murata Power Solutions Inc.
Murata Power Solutions ...
NCF0051500B0-XC MURATA-PS-NCF0051500B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051500BP-XC MURATA-PS-NCF0051500BP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051500S0-XC MURATA-PS-NCF0051500S0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051500SP-XC MURATA-PS-NCF0051500SP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051501B0-XC MURATA-PS-NCF0051501B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NCF0051331SP-XC

ManufacturerPart No.DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
C&D Technologies
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
Murata Power Solutions Inc.
Murata Power Solutions ...
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
Murata Power Solutions Inc.
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
Murata Power Solutions Inc.
Murata Power Solutions ...
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz