Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCF0151330S0-XC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NCF0151330S0-XC
Description  Non-Isolated 15A SIP/SMT DC/DC Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCF0151330S0-XC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NCF0151330S0-XC Datasheet HTML 1Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 2Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NCF0151330S0-XC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Murata Power Solutions
2
NCA015_6200820000_B01_21/04/08
Volant NCA015 Series
Non-Isolated 15A SIP/SMT DC/DC Converters
Input Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Input Voltage Operating Range
3.0
5
5.5
Vdc
Input Reflected Ripple Current
100
mA p-p
Inrush Current Transient
0.4
A
2s
Input Filter Type (external)
100
μF
Input Turn ON Threshold
2.8
V
Input Turn OFF Threshold
2.7
V
ON Control
Open or 0 to +0.4V
OFF Control
+2.8V to Vin (<3mA)
Output Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Vout Accuracy
50% load
-1.5
+1.5
%
Output Loading
0
15
A
Output Ripple & Noise
@ 20Mhz Bandwidth.
30
mV
Maximum Capacitive Load
Low ESR
8000
μF
Vout Trim Range (Nom)
0.9
3.3
V
Total Accuracy
Over line/load temperature
<3%
Current Limit
19.5
23
27
A
Output Line Regulation
-0.2
+0.2
%
Output Load Regulation
-0.5
+0.5
%
Turn-on Overshoot
1
%
SC Protection Technique
Hiccup with auto recovery
Pre-bias Start-up at output
Unit starts monotonically with pre-
bias
Dynamic Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Load Transient
50% step, 2.5A/
μs
100
mV
Settling Time
100
μs
Frequency
300khz
Start-Up Time
Vin to Vout and On/Off to Vout
Vout rise to monotonic
<20
ms
General Specifications
Notes & Conditions
Min
Typ.
Max
Units
MTBF
Calculated (MIL-HDBK-217F)
1.4
x10
6 Hrs
Demonstrated @ 90% Confidence
Level
1
x10
6 Hrs
Thermal Protection
Hotspot
110
120
°C
Operating Temperature
Without derating
-40
60
°C
Dimensions
2”Lx0.34”Wx0.5”H
(50.8x8.64x12.7mm)
Pin Dimensions
0.03” (0.76mm)
Pin Material
Round copper with tin-lead plated over
nickel underplate
Weight
0.3 ounces (8.5g)
Flammability Rating
UL94V-0
Standards Compliance
CSA C22.2, No.60950/UL 60950, Third Edition (2000), File UL E165113


Similar Part No. - NCF0151330S0-XC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCF0151330S0-XC CANDD-NCF0151330S0-XC Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
More results

Similar Description - NCF0151330S0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com